Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7225LPZ Datasheet(PDF) 19 Page - Analog Devices

Part # AD7225LPZ
Description  LC2MOS Quad 8-Bit DAC with Separate Reference Inputs
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7225LPZ Datasheet(HTML) 19 Page - Analog Devices

Back Button AD7225LPZ Datasheet HTML 15Page - Analog Devices AD7225LPZ Datasheet HTML 16Page - Analog Devices AD7225LPZ Datasheet HTML 17Page - Analog Devices AD7225LPZ Datasheet HTML 18Page - Analog Devices AD7225LPZ Datasheet HTML 19Page - Analog Devices AD7225LPZ Datasheet HTML 20Page - Analog Devices AD7225LPZ Datasheet HTML 21Page - Analog Devices AD7225LPZ Datasheet HTML 22Page - Analog Devices AD7225LPZ Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
AD7225
Rev. C | Page 19 of 24
MICROPROCESSER INTERFACE
*LINEAR CIRCUITRY OMITTED FOR CLARITY.
ADDRESS
DECODE
LATCH
EN
AD7225*
A0
A1
DB7
DB0
LDAC
WR
ADDRESS BUS
ADDRESS DATA BUS
8085A/
8088
A15
A8
ALE
AD0
AD7
WR
*LINEAR CIRCUITRY OMITTED FOR CLARITY.
Z-80
A15
A8
D0
D7
AD7225*
WR
A0
A1
DB7
DB0
LDAC
WR
ADDRESS BUS
DATA BUS
ADDRESS
DECODE
EN
MREQ
Figure 25. AD7225-to-8085A/8088 Interface, Double-Buffered Mode
Figure 26. AD7225-to-Z-80 Interface, Double-Buffered Mode
*LINEAR CIRCUITRY OMITTED FOR CLARITY.
6809/
6502
A15
A0
E OR Φ2
D0
D7
AD7225*
R/W
A0
A1
DB7
DB0
LDAC
WR
ADDRESS BUS
DATA BUS
ADDRESS
DECODE
EN
*LINEAR CIRCUITRY OMITTED FOR CLARITY.
68008
A23
A1
D0
D7
AD7225*
A0
A1
DB7
DB0
LDAC
WR
ADDRESS BUS
DATA BUS
ADDRESS
DECODE
EN
AS
R/W
DTACK
Figure 27. AD7225-to-6809/6502 Interface, Single-Buffered Mode
Figure 28. AD7225-to-68008 Interface, Single-Buffered Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com