Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7225LPZ Datasheet(PDF) 3 Page - Analog Devices

Part # AD7225LPZ
Description  LC2MOS Quad 8-Bit DAC with Separate Reference Inputs
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7225LPZ Datasheet(HTML) 3 Page - Analog Devices

  AD7225LPZ Datasheet HTML 1Page - Analog Devices AD7225LPZ Datasheet HTML 2Page - Analog Devices AD7225LPZ Datasheet HTML 3Page - Analog Devices AD7225LPZ Datasheet HTML 4Page - Analog Devices AD7225LPZ Datasheet HTML 5Page - Analog Devices AD7225LPZ Datasheet HTML 6Page - Analog Devices AD7225LPZ Datasheet HTML 7Page - Analog Devices AD7225LPZ Datasheet HTML 8Page - Analog Devices AD7225LPZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
AD7225
Rev. C | Page 3 of 24
SPECIFICATIONS
VDD = 11.4 V to 16.5 V, VSS = −5 V ± 10%; AGND = DGND = 0 V; VREFx = +2 V to (VDD − 4 V)1
Parameter
, unless otherwise noted. All specifications
TMIN to TMAX, unless otherwise noted.
Table 1.
K, B
Versions2
L, C
Versions2
Unit
Conditions/Comments
STATIC PERFORMANCE
Resolution
8
8
Bits
Total Unadjusted Error
±2
±1
LSB max
VDD = 15 V ± 5%, VREF = 10 V
Relative Accuracy
±1
±1/2
LSB max
Differential Nonlinearity
±1
±1
LSB max
Guaranteed monotonic
Full-Scale Error
±1
±1/2
LSB max
Full-Scale Temperature Coefficient
±5
±5
ppm/°C typ
VDD = 14 V to 16.5 V, VREF = 10 V
Zero Code Error
±30
±20
mV max
Zero Code Error Temperature Coefficient
±30
±30
μV/°C typ
REFERENCE INPUT
Voltage Range
2 to (VDD − 4)
2 to (VDD − 4)
V min to V max
Input Resistance
11
11
kΩ min
Input Capacitance3
50
50
pF max
Occurs when each DAC is loaded with all 1s
Channel-to-Channel Isolation3
60
60
dB min
VREF = 10 V p-p sine wave at 10 kHz
AC Feedthrough3
−70
−70
dB max
VREF = 10 V p-p sine wave at 10 kHz
DIGITAL INPUTS
Input High Voltage, VINH
2.4
2.4
V min
Input Low Voltage, VINL
0.8
0.8
V max
Input Leakage Current
±1
±1
μA max
VIN = 0 V or VDD
Input Capacitance3
8
8
pF max
Input Coding
Binary
Binary
DYNAMIC PERFORMANCE
Voltage Output Slew Rate3
2.5
2.5
V/μs min
Voltage Output Settling Time3
4
4
μs max
VREF = 10 V; settling time to ±½ LSB
Digital Feedthrough3
50
50
nV sec typ
Code transition all 0s to all 1s
Digital Crosstalk3
50
50
nV sec typ
Code transition all 0s to all 1s
Minimum Load Resistance
2
2
kΩ min
VOUT = 10 V
POWER SUPPLIES
VDD Range
11.4/16.5
11.4/16.5
V min to V max
For specified performance
IDD
10
10
mA max
Outputs unloaded; VIN = VINL or VINH
ISS
9
9
mA max
Outputs unloaded; VIN = VINL or VINH
SWITCHING CHARACTERISTICS3, 4
t1
50
50
ns min
Write pulse width
t2
0
0
ns min
Address to write setup time
t3
0
0
ns min
Address to write hold time
t4
50
50
ns min
Data valid to write setup time
t5
0
0
ns min
Data valid to write hold time
t6
50
50
ns min
Load DAC pulse width
1
Maximum possible reference voltage.
2
Temperature range is as follows for all versions: −40°C to +85°C.
3
Sample tested at 25°C to ensure compliance.
4
Switching characteristics apply for single-supply and dual-supply operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com