Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7225LPZ Datasheet(PDF) 14 Page - Analog Devices

Part # AD7225LPZ
Description  LC2MOS Quad 8-Bit DAC with Separate Reference Inputs
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7225LPZ Datasheet(HTML) 14 Page - Analog Devices

Back Button AD7225LPZ Datasheet HTML 10Page - Analog Devices AD7225LPZ Datasheet HTML 11Page - Analog Devices AD7225LPZ Datasheet HTML 12Page - Analog Devices AD7225LPZ Datasheet HTML 13Page - Analog Devices AD7225LPZ Datasheet HTML 14Page - Analog Devices AD7225LPZ Datasheet HTML 15Page - Analog Devices AD7225LPZ Datasheet HTML 16Page - Analog Devices AD7225LPZ Datasheet HTML 17Page - Analog Devices AD7225LPZ Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
AD7225
Rev. C | Page 14 of 24
BIPOLAR OUTPUT OPERATION
Each of the DACs of the AD7225 can be individually confi-
gured to provide bipolar output operation. This is possible
using one external amplifier and two resistors per channel.
Figure 17 shows a circuit used to implement offset binary
coding (bipolar operation) with DAC A (DAC Channel A)
of the AD7225. In this case,
(
)
(
)
REF
REF
A
OUT
V
R
R2
V
D
R1
R2
V
×
−
×
 +
=
1
1
With R1 = R2
(
) ( )
REF
A
OUT
V
D
V
×
−
=
1
2
where DA is a fractional representation of the digital word in
Latch A (0 ≤ DA ≤ 255/256).
Mismatch between R1 and R2 causes gain and offset errors and,
therefore, these resistors must match and track over tempera-
ture. The AD7225 can be operated in single supply or from
positive/negative supplies. Table 8 shows the digital code vs.
output voltage relationship for the circuit of Figure 17 with
R1 = R2.
+15V
–15V
VDD
VSS
AGND
DGND
VOUTA
DAC A
AD7225*
VREFA
R2
VOUT
R1
VREF
R1, R2 = 10k
Ω ± 0.1%.
*DIGITAL INPUTS OMITTED
FOR CLARITY.
Figure 17. Bipolar Output Circuit
Table 8. Bipolar (Offset Binary) Code Table
DAC Latch Contents
Analog Output
MSB
LSB
1111
1111
( )
128
127
REF
V
+
1000
0001
( )
128
1
REF
V
+
1000
0000
0 V
0111
1111
( )
128
1
REF
V
−
0000
0001
( )
128
127
REF
V
−
0000
0000
( )
REF
REF
V
V
−
=
−
1
128
128



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com