Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS2012B Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # TPS2012B
Description  Digital Storage Oscilloscopes
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TPS2012B Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button TPS2012B Datasheet HTML 6Page - List of Unclassifed Manufacturers TPS2012B Datasheet HTML 7Page - List of Unclassifed Manufacturers TPS2012B Datasheet HTML 8Page - List of Unclassifed Manufacturers TPS2012B Datasheet HTML 9Page - List of Unclassifed Manufacturers TPS2012B Datasheet HTML 10Page - List of Unclassifed Manufacturers TPS2012B Datasheet HTML 11Page - List of Unclassifed Manufacturers TPS2012B Datasheet HTML 12Page - List of Unclassifed Manufacturers TPS2012B Datasheet HTML 13Page - List of Unclassifed Manufacturers TPS2012B Datasheet HTML 14Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
Altitude
Operating
Up to 3,000 meters
Non-operating
15,000 meters
Pollution degree 2
Do not operate in an environment where conductive pollutants may be present (as defined in IEC61010-1:2001).
Enclosure rating
IP30
When the CompactFlash
® card and power analysis software are installed (as defined in IEC60529:2001)
Electromagnetic compatibility
Meets or Exceeds: Australian EMC Framework, demonstrated per Emission Standard AS/NZS 2064.1/2
Safety
UL61010-1: 2004. CAN/CSA22.2 No. 1010.1: 2004. EN61010-1: 2001. Do not float the TPP0101/TPP0201 probe common lead to
>30 V RMS. Use the P5122, P5150 (floatable to 600 V RMS CAT II) or similarly rated passive, high-voltage probe, or an appropriately
rated high-voltage, differential probe when floating the common lead above 30 V RMS.
Datasheet
10 www.tektronix.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com