Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS2012B Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # TPS2012B
Description  Digital Storage Oscilloscopes
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TPS2012B Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  TPS2012B Datasheet HTML 1Page - List of Unclassifed Manufacturers TPS2012B Datasheet HTML 2Page - List of Unclassifed Manufacturers TPS2012B Datasheet HTML 3Page - List of Unclassifed Manufacturers TPS2012B Datasheet HTML 4Page - List of Unclassifed Manufacturers TPS2012B Datasheet HTML 5Page - List of Unclassifed Manufacturers TPS2012B Datasheet HTML 6Page - List of Unclassifed Manufacturers TPS2012B Datasheet HTML 7Page - List of Unclassifed Manufacturers TPS2012B Datasheet HTML 8Page - List of Unclassifed Manufacturers TPS2012B Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
Four IsolatedChannel™ inputs and isolated external trigger input for quick, accurate,
affordable floating and differential measurements.
Selecting the right probes for the job
Different passive probes are available, depending on your application. With
the included TPP0101/TPP0201 passive probes, the TPS2000B can
measure up to 400 Vp-p. However, to meet the safety rating of the TPP0101/
TPP0201, the reference lead of the probe must be maintained within
30 VRMS relative to ground. Because of this, the TPP0101/TPP0201 probes
are well suited for working on digital and analog circuits in which the
maximum voltage never exceeds 30 VRMS.
Measurements on power conversion electronics usually require probes with
higher voltage ratings. Tektronix offers two passive probes with insulation
systems specifically designed for making floating measurements. With their
100X attenuation, and 1000 VRMS rating, the optional P5122 probes (when
coupled with the TPS2000B) are suitable for making measurements on
480 VRMS devices in Category II environments, with a maximum float
voltage of up to 600 VRMS relative to earth ground. With the optional
P5150 probe, the TPS2000B can measure up to 2000 Vp-p, with a maximum
float voltage within 600 VRMS of ground. The P5150 is the best choice for
making AC-coupled ripple measurements on high-voltage DC power
supplies.
Please see "Characteristics" for complete safety ratings and specifications.
Input signal and float voltage maximum safety ratings.
Speed the design and test of industrial power
systems and circuits
From mobile phones to industrial motor drives, power conversion
technology has enabled significant advances in size, performance, and
energy efficiency. But even the most basic task of viewing a converter's
input and output is complicated by multiple voltage references. Multiple
references also make it challenging to view signals from control circuits and
power circuits at the same time. Using ground-referenced oscilloscopes in
these applications, without appropriate differential probes, can damage
circuits and produce bad measurements. For debugging power conversion
electronics, IsolatedChannel technology reduces the risk of damage and
unintended circuit interactions.
For performing power system measurements, TPS2PWR1 power
application software is available as an option for the TPS2000B. It provides
advanced power measurements right on the oscilloscope, at an entry-level
price.
Scope/Probe (Attenuation)
Maximum Safety Ratings
TPS2000 Viewable Signal
Reference Float Safety Rating
Input Signal Safety Rating
On-screen Peak-Peak Voltage
(Sinusoid centered at 0 V)
On-screen RMS Voltage
(Sinusoid centered at 0 V)
TPS2000B Input (1X)
600 VRMSCAT II
300 VRMSCAT II
40 Vp-p
14.1 VRMS
TPP0101 (100 MHz)
30 VRMS
300 VRMSCAT II
400 Vp-p
141 VRMS
TPP0201 (200 MHz)
30 VRMS
300 VRMSCAT II
400 Vp-p
141 VRMS
P5150 (50X)
600 VRMSCAT II
1000 VRMSCAT II
2000 Vp-p
705 VRMS
P5122 (100X)
600 VRMSCAT II
1000 VRMSCAT II
2828 Vp-p
1000 VRMS
Datasheet
2 www.tektronix.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com