Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS2012B Datasheet(PDF) 12 Page - List of Unclassifed Manufacturers

Part # TPS2012B
Description  Digital Storage Oscilloscopes
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TPS2012B Datasheet(HTML) 12 Page - List of Unclassifed Manufacturers

Back Button TPS2012B Datasheet HTML 6Page - List of Unclassifed Manufacturers TPS2012B Datasheet HTML 7Page - List of Unclassifed Manufacturers TPS2012B Datasheet HTML 8Page - List of Unclassifed Manufacturers TPS2012B Datasheet HTML 9Page - List of Unclassifed Manufacturers TPS2012B Datasheet HTML 10Page - List of Unclassifed Manufacturers TPS2012B Datasheet HTML 11Page - List of Unclassifed Manufacturers TPS2012B Datasheet HTML 12Page - List of Unclassifed Manufacturers TPS2012B Datasheet HTML 13Page - List of Unclassifed Manufacturers TPS2012B Datasheet HTML 14Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
Instrument options
Power cord and plug options
Opt. A0
North America power plug (115 V, 60 Hz)
Opt. A1
Universal Euro power plug (220 V, 50 Hz)
Opt. A2
United Kingdom power plug (240 V, 50 Hz)
Opt. A3
Australia power plug (240 V, 50 Hz)
Opt. A5
Switzerland power plug (220 V, 50 Hz)
Opt. A6
Japan power plug (100 V, 110/120 V, 60 Hz)
Opt. A10
China power plug (50 Hz)
Opt. A11
India power plug (50 Hz)
Opt. A12
Brazil power plug (60 Hz)
Opt. A99
No power cord
Language options
Opt. L0
English manual
Opt. L1
French manual
Opt. L2
Italian manual
Opt. L3
German manual
Opt. L4
Spanish manual
Opt. L5
Japanese manual
Opt. L6
Portuguese manual
Opt. L7
Simplified Chinese manual
Opt. L8
Traditional Chinese manual
Opt. L9
Korean manual
Opt. L10
Russian manual
Opt. L99
No manual
Language options include translated front-panel overlay for the selected language(s).
Service options
Opt. SILV200
Standard warranty extended to 5 years
Probes and accessories are not covered by the oscilloscope warranty and Service Offerings. Refer to the datasheet of each probe and accessory model for its unique warranty
and calibration terms.
Datasheet
12 www.tektronix.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com