Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS2012B Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # TPS2012B
Description  Digital Storage Oscilloscopes
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TPS2012B Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button TPS2012B Datasheet HTML 3Page - List of Unclassifed Manufacturers TPS2012B Datasheet HTML 4Page - List of Unclassifed Manufacturers TPS2012B Datasheet HTML 5Page - List of Unclassifed Manufacturers TPS2012B Datasheet HTML 6Page - List of Unclassifed Manufacturers TPS2012B Datasheet HTML 7Page - List of Unclassifed Manufacturers TPS2012B Datasheet HTML 8Page - List of Unclassifed Manufacturers TPS2012B Datasheet HTML 9Page - List of Unclassifed Manufacturers TPS2012B Datasheet HTML 10Page - List of Unclassifed Manufacturers TPS2012B Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
Trigger system (main only)
Trigger modes
Auto, Normal, Single Sequence
Trigger types
Edge (rising or falling)
Conventional level-driven trigger. Positive or negative slope on any input.
Coupling Selections: AC, DC, Noise Reject, HF Reject, LF Reject
Video
Trigger on all lines or individual line, odd/even or all fields from composite video, or broadcast standards (NTSC, PAL, SECAM)
Pulse width (or glitch)
Trigger on a pulse width less than, greater than, equal to, or not equal to a selectable time limit ranging from 33 ns to 10 s
Trigger source
2-channel models
CH1, CH2, Ext, Ext/5, Ext/10
4-channel models
CH1, CH2, CH3, CH4, Ext, Ext/5, Ext/10
Trigger view
Displays trigger signal while trigger view button is depressed.
Trigger signal frequency readout
Provides a frequency readout of the trigger source with 6-digit resolution.
Acquisition system
Acquisition modes
Sample
Sample data only
Peak detect
High-frequency and random glitch capture. Captures glitches as narrow as 12 ns typical using acquisition hardware at all time/div
settings from 5 μs/div to 50 s/div
Average
Waveform averaged, selectable: 4, 16, 64, 128
Single sequence
Use the Single Sequence button to capture a single triggered acquisition sequence at a time.
Scan/roll mode
At acquisition time-base settings of ≥100 ms/div.
Waveform measurements
Cursors
Types
Voltage, time
Measurements
ΔT, 1/ΔT (frequency), ΔV, dv/dt 6, di/dt 6
Automatic waveform
measurements
Period, Frequency, +Width, -Width, Rise Time, Fall Time, Max, Min, Peak-to-Peak, Mean, Cycle RMS.
Power measurements
Optional package that offers instantaneous power waveform analysis, waveform analysis, harmonics analysis, switching loss,
phase angles, dv/dt and di/dt cursors.
Waveform processing
Operators
Add, subtract, multiply, FFT
FFT
Windows: Hanning, Flat Top, Rectangular; 2048 sample points.
Sources
2-channel models
CH1 - CH2, CH2 - CH1, CH1 + CH2, CH1 × CH2
4-channel models
CH1 - CH2, CH2 - CH1, CH3 - CH4, CH4 - CH3, CH1 + CH2, CH3 + CH4, CH1 × CH2, CH3 × CH4
Autorange
Allows the user to change test points without resetting the oscilloscope.
6
Requires TPS2PWR1 power application package.
TPS2000B Series Digital Storage Oscilloscopes
www.tektronix.com 7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com