Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS2012B Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # TPS2012B
Description  Digital Storage Oscilloscopes
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TPS2012B Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button TPS2012B Datasheet HTML 5Page - List of Unclassifed Manufacturers TPS2012B Datasheet HTML 6Page - List of Unclassifed Manufacturers TPS2012B Datasheet HTML 7Page - List of Unclassifed Manufacturers TPS2012B Datasheet HTML 8Page - List of Unclassifed Manufacturers TPS2012B Datasheet HTML 9Page - List of Unclassifed Manufacturers TPS2012B Datasheet HTML 10Page - List of Unclassifed Manufacturers TPS2012B Datasheet HTML 11Page - List of Unclassifed Manufacturers TPS2012B Datasheet HTML 12Page - List of Unclassifed Manufacturers TPS2012B Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
Data storage
Nonvolatile storage
CompactFlash
® up to 2 GB
Reference waveform display
Two 2500 point reference waveforms
Waveform storage
96 or more reference waveforms per 8 MB
Setups
4000 or more front-panel setups per 8 MB
Screen images
128 or more screen images per 8 MB (the number of images depends on file format selected).
Save All
12 or more Save All operations per 8 MB. A single Save All operation creates 2 to 9 files (setup, image, plus one file for each
displayed waveform).
Power source
Power source
AC adapter with power cord
Battery operation
Capacity for two hot-swappable battery packs
One standard battery pack offers 4 hours of battery operation
Optional second battery pack extends battery operation to 8 hours
Continuous battery operation is possible by hot-swapping charged batteries
Physical characteristics
Dimensions
mm
inches
Width
336.0
13.24
Height
161.0
6.33
Depth
130.0
5.10
Cooling clearance
2 in. (50 mm) required on left side and rear of instrument
Weight
kg
lb.
Instrument only
2.7
6.0
with 1 battery
3.2
7.0
with 2 batteries
3.7
8.0
Package dimensions
mm
inches
Width
476.2
18.75
Height
266.7
10.50
Depth
228.6
9.00
EMC, environment and safety
Temperature
Operating
0 °C to +50 °C
Nonoperating
-40 °C to +71 °C
Humidity
TPS2000B Series oscilloscopes are not intended for use in wet or damp conditions.
Operating
High: 50 °C / 60% RH
Low: 30 °C / 90% RH
Nonoperating
High: 55 °C to 71 °C / 60% RH max wet bulb
Low: 30 °C to 0 °C / <90% RH max wet bulb
TPS2000B Series Digital Storage Oscilloscopes
www.tektronix.com 9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com