Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS2012B Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # TPS2012B
Description  Digital Storage Oscilloscopes
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TPS2012B Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button TPS2012B Datasheet HTML 6Page - List of Unclassifed Manufacturers TPS2012B Datasheet HTML 7Page - List of Unclassifed Manufacturers TPS2012B Datasheet HTML 8Page - List of Unclassifed Manufacturers TPS2012B Datasheet HTML 9Page - List of Unclassifed Manufacturers TPS2012B Datasheet HTML 10Page - List of Unclassifed Manufacturers TPS2012B Datasheet HTML 11Page - List of Unclassifed Manufacturers TPS2012B Datasheet HTML 12Page - List of Unclassifed Manufacturers TPS2012B Datasheet HTML 13Page - List of Unclassifed Manufacturers TPS2012B Datasheet HTML 14Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
Ordering information
TPS2000B Models
TPS2012B
100 MHz, 1 GS/s, 2.5k points, 2-channel digital storage oscilloscope
TPS2014B
100 MHz, 1 GS/s, 2.5k points, 4-channel digital storage oscilloscope
TPS2024B
200 MHz, 2 GS/s, 2.5k points, 4-channel digital storage oscilloscope
Standard accessories
Probes
One probe per channel standard.
TPP0101
100 MHz,10X passive probe for TPS2012B and TPS2014B
TPP0201
200 MHz,10X passive probe for TPS2024B
Accessories
--
Front protective cover
--
Printed user manual (English only)
--
Installation and safety manual
--
AC adapter with power cord
--
Lithium-ion battery with fuel gauge for 4-hour battery life. Two batteries required for 8 hours of continuous battery operation.
--
USB to RS-232 cable
--
OpenChoice
® PC connectivity software
--
NI SignalExpress™ Tek Edition software
--
NIM/NIST-Traceable Certificate of Calibration
Warranty
Three-year warranty covering all labor and parts, excluding probes and accessories.
TPS2000B Series Digital Storage Oscilloscopes
www.tektronix.com 11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com