Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATSAMD Datasheet(PDF) 7 Page - ATMEL Corporation

Part # ATSAMD
Description  ARM-Based Microcontroller
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATSAMD Datasheet(HTML) 7 Page - ATMEL Corporation

Back Button ATSAMD Datasheet HTML 3Page - ATMEL Corporation ATSAMD Datasheet HTML 4Page - ATMEL Corporation ATSAMD Datasheet HTML 5Page - ATMEL Corporation ATSAMD Datasheet HTML 6Page - ATMEL Corporation ATSAMD Datasheet HTML 7Page - ATMEL Corporation ATSAMD Datasheet HTML 8Page - ATMEL Corporation ATSAMD Datasheet HTML 9Page - ATMEL Corporation ATSAMD Datasheet HTML 10Page - ATMEL Corporation ATSAMD Datasheet HTML 11Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
7
Atmel SAM D20 [DATASHEET Summary]
42129JS–SAM–12/2013
3.
Block Diagram
Notes:
1.
Some products have different number of SERCOM instances, Timer/Counter instances, PTC signals and ADC signals. Refer to “Configuration Summary” on
page 3 for details.
6 x SERCOM
8 x Timer Counter
REAL TIME
COUNTER
AHB-APB
BRIDGE C
M
S
HIGH SPEED
BUS MATRIX
WATCHDOG
TIMER
SERIAL
WIRE
SWDIO
NVM
CONTROLLER
256/128/64/32/16KB
FLASH
S
ARM CORTEX-M0+
PROCESSOR
Fmax 48MHz
SWCLK
DEVICE
SERVICE
UNIT
AHB-APB
BRIDGE A
ADC
AIN[19:0]
VREFA
AIN[3:0]
S
32/16/8/4/2KB
RAM
M
RESET
CONTROLLER
SLEEP
CONTROLLER
CLOCK
CONTROLLER
POWER MANAGER
RESET
8 x TIMER COUNTER
S
6 x SERCOM
2 ANALOG
COMPARATORS
SYSTEM CONTROLLER
XOUT
XIN
XOUT32
XIN32
OSCULP32K
OSC32K
OSC8M
DFLL48M
BOD33
XOSC32K
XOSC
VREF
GENERIC CLOCK
X[15:0]
Y[15:0]
PERIPHERAL
TOUCH
CONTROLLER
PERIPHERAL
ACCESS CONTROLLER
AHB-APB
BRIDGE B
VREFP
VOUT
DAC
EXTERNAL INTERRUPT
CONTROLLER
PERIPHERAL
ACCESS CONTROLLER
PERIPHERAL
ACCESS CONTROLLER
EXTINT[15:0]
NMI
GCLK_IO[7:0]
S
PIN[3:0]
WO[1:0]
VREFB
(See Note1)
CMP1:0]
ARM SINGLE CYCLE IOBUS
CONTROLLER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com