Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATSAMD Datasheet(PDF) 3 Page - ATMEL Corporation

Part # ATSAMD
Description  ARM-Based Microcontroller
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATSAMD Datasheet(HTML) 3 Page - ATMEL Corporation

  ATSAMD Datasheet HTML 1Page - ATMEL Corporation ATSAMD Datasheet HTML 2Page - ATMEL Corporation ATSAMD Datasheet HTML 3Page - ATMEL Corporation ATSAMD Datasheet HTML 4Page - ATMEL Corporation ATSAMD Datasheet HTML 5Page - ATMEL Corporation ATSAMD Datasheet HTML 6Page - ATMEL Corporation ATSAMD Datasheet HTML 7Page - ATMEL Corporation ATSAMD Datasheet HTML 8Page - ATMEL Corporation ATSAMD Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
3
Atmel SAM D20 [DATASHEET Summary]
42129JS–SAM–12/2013
1.
Configuration Summary
SAM D20J
SAM D20G
SAM D20E
Number of pins
64
48
32
General Purpose I/O-pins (GPIOs)
52
38
26
Flash
256/128/64/32/16KB
256/128/64/32/16KB
256/128/64/32/16KB
SRAM
32/16/8/4/2KB
32/16/8/4/2KB
32/16/8/4/2KB
Maximum CPU frequency
48MHz
Event System channels
8
8
8
Timer Counter (TC)
8
6
6
Waveform output channels for TC
2
2
2
Serial Communication Interface
(SERCOM)
6
6
4
Analog-to-Digital Converter (ADC)
channels
20
14
10
Analog comparators
2
2
2
Digital-to-Analog Converter (DAC)
channels
1
1
1
Real-Time Counter (RTC)
Yes
Yes
Yes
RTC alarms
1
1
1
RTC compare values
1 32-bit value or
2 16-bit values
1 32-bit value or
2 16-bit values
1 32-bit value or
2 16-bit values
External Interrupt lines
16
16
16
Peripheral Touch Controller (PTC) X
and Y lines
16x16
12x10
10x6
Packages
QFN
TQFP
QFN
TQFP
QFN
TQFP
Oscillators
32.768kHz crystal oscillator (XOSC32K)
0.4-32MHz crystal oscillator (XOSC)
32.768kHzinternal oscillator (OSC32K)
32kHz ultra-low-power internal oscillator (OSCULP32K)
8MHz high-accuracy internal oscillator (OSC8M)
48MHz Digital Frequency Locked Loop (DFLL48M)
SW Debug Interface
Yes
Yes
Yes
Watchdog Timer (WDT)
Yes
Yes
Yes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com