Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATSAMD Datasheet(PDF) 23 Page - ATMEL Corporation

Part # ATSAMD
Description  ARM-Based Microcontroller
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATSAMD Datasheet(HTML) 23 Page - ATMEL Corporation

Back Button ATSAMD Datasheet HTML 17Page - ATMEL Corporation ATSAMD Datasheet HTML 18Page - ATMEL Corporation ATSAMD Datasheet HTML 19Page - ATMEL Corporation ATSAMD Datasheet HTML 20Page - ATMEL Corporation ATSAMD Datasheet HTML 21Page - ATMEL Corporation ATSAMD Datasheet HTML 22Page - ATMEL Corporation ATSAMD Datasheet HTML 23Page - ATMEL Corporation ATSAMD Datasheet HTML 24Page - ATMEL Corporation ATSAMD Datasheet HTML 25Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 23 / 25 page
background image
23
Atmel SAM D20 [DATASHEET Summary]
42129JS–SAM–12/2013
8.3
Soldering Profile
Table Table 8-20 gives the recommended soldering profile from J-STD-20.
Table 8-20. Soldering Profile
A maximum of three reflow passes is allowed per component.
___REV___217270
Profile Feature
Green Package
Average Ramp-up Rate (217°C to peak)
3°C/s max.
Preheat Temperature 175°C ±25°C
150-200°C
Time Maintained Above 217°C
60-150s
Time within 5°C of Actual Peak Temperature
30s
Peak Temperature Range
260°C
Ramp-down Rate
6°C/s max
Time 25°C to Peak Temperature
8 minutes max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com