Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATSAMD Datasheet(PDF) 4 Page - ATMEL Corporation

Part # ATSAMD
Description  ARM-Based Microcontroller
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATSAMD Datasheet(HTML) 4 Page - ATMEL Corporation

  ATSAMD Datasheet HTML 1Page - ATMEL Corporation ATSAMD Datasheet HTML 2Page - ATMEL Corporation ATSAMD Datasheet HTML 3Page - ATMEL Corporation ATSAMD Datasheet HTML 4Page - ATMEL Corporation ATSAMD Datasheet HTML 5Page - ATMEL Corporation ATSAMD Datasheet HTML 6Page - ATMEL Corporation ATSAMD Datasheet HTML 7Page - ATMEL Corporation ATSAMD Datasheet HTML 8Page - ATMEL Corporation ATSAMD Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
4
Atmel SAM D20 [DATASHEET Summary]
42129JS–SAM–12/2013
2.
Ordering Information
2.1
SAM D20E
 ATSAMD 20  E  14  A  ‐   M  U  T
Product Family
ATSAMD = General Purpose Microcontroller
Product Series
20 = Cortex M0+ CPU, General Feature Set
Flash Memory
18 = 256KB
17 = 128KB
16 = 64KB
15 = 32KB
14 = 16KB
Device Variant
A = Default Variant
Pin Count
E = 32 Pins
G = 48 Pins
J = 64 Pins
Package Carrier
No character = Tray (Default)
                     T = Tape and Reel
Package Grade
Package Type
A = TQFP
M = QFN
C = UBGA
U = WLCSP
U = ‐40 ‐ 85°C Matte Sn Plating
Ordering Code
FLASH (bytes)
SRAM (bytes)
Package
Carrier Type
ATSAMD20E14A-AU
16K
2K
TQFP32
Tray
ATSAMD20E14A-AUT
Tape & Reel
ATSAMD20E14A-MU
QFN32
Tray
ATSAMD20E14A-MUT
Tape & Reel
ATSAMD20E15A-AU
32K
4K
TQFP32
Tray
ATSAMD20E15A-AUT
Tape & Reel
ATSAMD20E15A-MU
QFN32
Tray
ATSAMD20E15A-MUT
Tape & Reel
ATSAMD20E16A-AU
64K
8K
TQFP32
Tray
ATSAMD20E16A-AUT
Tape & Reel
ATSAMD20E16A-MU
QFN32
Tray
ATSAMD20E16A-MUT
Tape & Reel
ATSAMD20E17A-AU
128K
16K
TQFP32
Tray
ATSAMD20E17A-AUT
Tape & Reel
ATSAMD20E17A-MU
QFN32
Tray
ATSAMD20E17A-MUT
Tape & Reel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com