Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATSAMD Datasheet(PDF) 14 Page - ATMEL Corporation

Part # ATSAMD
Description  ARM-Based Microcontroller
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATSAMD Datasheet(HTML) 14 Page - ATMEL Corporation

Back Button ATSAMD Datasheet HTML 10Page - ATMEL Corporation ATSAMD Datasheet HTML 11Page - ATMEL Corporation ATSAMD Datasheet HTML 12Page - ATMEL Corporation ATSAMD Datasheet HTML 13Page - ATMEL Corporation ATSAMD Datasheet HTML 14Page - ATMEL Corporation ATSAMD Datasheet HTML 15Page - ATMEL Corporation ATSAMD Datasheet HTML 16Page - ATMEL Corporation ATSAMD Datasheet HTML 17Page - ATMEL Corporation ATSAMD Datasheet HTML 18Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 25 page
background image
14
Atmel SAM D20 [DATASHEET Summary]
42129JS–SAM–12/2013
6.
Product Mapping
Figure 6-1.
SAM D20 Product Mapping
This figure represents the full configuration of the Atmel® SAM D20 with maximum flash and SRAM capabilities and a full
set of peripherals. Refer to the “Configuration Summary” on page 3 for details.
Code
SRAM
Undefined
Peripherals
Reserved
Undefined
Global Memory Space
0x00000000
0x20000000
0x20008000
0x40000000
0x43000000
0x60000000
0x60000200
0xFFFFFFFF
Internal SRAM
SRAM
0x20000000
0x20008000
AHB-APB
Bridge A
AHB-APB
Bridge B
AHB-APB
Bridge C
Peripherals
0x40000000
0x41000000
0x42000000
0x42FFFFFF
Reserved
PAC0
PM
SYSCTRL
GCLK
WDT
RTC
EIC
AHB-APB Bridge A
0x40000000
0x40000400
0x40000800
0x40000C00
0x40001000
0x40001400
0x40001800
0x40FFFFFF
0x40001C00
AHB-APB Bridge B
Reserved
PAC1
DSU
NVMCTRL
PORT
0x41000000
0x41002000
0x41004000
0x41004400
0x41FFFFFF
0x41004800
Internal flash
Code
0x00000000
0x00040000
0x1FFFFFFF
Reserved
SERCOM5
PAC2
EVSYS
SERCOM0
SERCOM1
SERCOM2
SERCOM3
SERCOM4
AHB-APB Bridge C
TC7
TC0
TC1
TC2
TC3
TC4
TC5
TC6
ADC
AC
0x42000000
0x42000400
0x42000800
0x42000C00
0x42001000
0x42001400
0x42001800
0x42002000
0x42001C00
0x42003000
0x42003400
0x42003800
0x42003C00
0x42004000
0x42004400
0x42004800
Reserved
0x42FFFFFF
DAC
0x42004C00
0x42002400
0x42002800
0x42002C00
PTC
0x42005000
Reserved
System
0xE0000000
SCS
Reserved
Reserved
ROM Table
Reserved
System
0xE0000000
0xE000E000
0xE000F000
0xE00FF000
0xE0100000
0xFFFFFFFF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com