Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATSAMD Datasheet(PDF) 13 Page - ATMEL Corporation

Part # ATSAMD
Description  ARM-Based Microcontroller
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATSAMD Datasheet(HTML) 13 Page - ATMEL Corporation

Back Button ATSAMD Datasheet HTML 9Page - ATMEL Corporation ATSAMD Datasheet HTML 10Page - ATMEL Corporation ATSAMD Datasheet HTML 11Page - ATMEL Corporation ATSAMD Datasheet HTML 12Page - ATMEL Corporation ATSAMD Datasheet HTML 13Page - ATMEL Corporation ATSAMD Datasheet HTML 14Page - ATMEL Corporation ATSAMD Datasheet HTML 15Page - ATMEL Corporation ATSAMD Datasheet HTML 16Page - ATMEL Corporation ATSAMD Datasheet HTML 17Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
13
Atmel SAM D20 [DATASHEET Summary]
42129JS–SAM–12/2013
2.
Only some pins can be used in SERCOM I
2C mode. See the Type column for using a SERCOM pin in I2C mode. Refer to the !!!CRs_ElChar_I2C_Pins!!! for
details on the I
2C pin characteristics
3.
Note that TC6 and TC7 are not supported on the SAM D20G. Refer to “Configuration Summary” on page 3 for details.
4.
This function is only activated in the presence of a debugger
5.2
Other Functions
5.2.1
Oscillator Pinout
The oscillators are not mapped to the normal PORT functions and their multiplexing are controlled by registers in the
System Controller (SYSCTRL). Refer to !!!CRs_SYSCTRL_Top!!! for more information.
5.2.2
Serial Wire Debug Interface Pinout
After reset, SWCLK functionality is selected for pin PA30 to allow for debugger probe detection. The application software
can switch the SWCLK functionality of PA30 to GPIO (or other peripherals) during runtime. PA31, by default, is config-
ured like other normal I/O pins and will automatically switch to SWDIO function when a debugger cold-plugging or hot-
plugging is detected. When the device is put in debug mode, application software accesses to PA30 and PA31 PORT
registers are ignored.
Refer to !!!CRs_DSU_Top!!! for more information.
Oscillator
Supply
Signal
I/O Pin
XOSC
VDDIO
XIN
PA14
XOUT
PA15
XOSC32K
VDDANA
XIN32
PA00
XOUT32
PA01
Signal
Supply
I/O Pin
SWCLK
VDDIO
PA30
SWDIO
VDDIO
PA31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com