Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9361BBCZ Datasheet(PDF) 33 Page - Analog Devices

Part # AD9361BBCZ
Description  RF Agile Transceiver
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9361BBCZ Datasheet(HTML) 33 Page - Analog Devices

Back Button AD9361BBCZ Datasheet HTML 28Page - Analog Devices AD9361BBCZ Datasheet HTML 29Page - Analog Devices AD9361BBCZ Datasheet HTML 30Page - Analog Devices AD9361BBCZ Datasheet HTML 31Page - Analog Devices AD9361BBCZ Datasheet HTML 32Page - Analog Devices AD9361BBCZ Datasheet HTML 33Page - Analog Devices AD9361BBCZ Datasheet HTML 34Page - Analog Devices AD9361BBCZ Datasheet HTML 35Page - Analog Devices AD9361BBCZ Datasheet HTML 36Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 33 / 36 page
background image
Data Sheet
AD9361
Rev. D | Page 33 of 36
THEORY OF OPERATION
GENERAL
The AD9361 is a highly integrated radio frequency (RF)
transceiver capable of being configured for a wide range of
applications. The device integrates all RF, mixed signal, and
digital blocks necessary to provide all transceiver functions in a
single device. Programmability allows this broadband transceiver
to be adapted for use with multiple communication standards,
including frequency division duplex (FDD) and time division
duplex (TDD) systems. This programmability also allows the
device to be interfaced to various baseband processors (BBPs) using
a single 12-bit parallel data port, dual 12-bit parallel data ports,
or a 12-bit low voltage differential signaling (LVDS) interface.
The AD9361 also provides self-calibration and automatic gain
control (AGC) systems to maintain a high performance level
under varying temperatures and input signal conditions. In
addition, the device includes several test modes that allow system
designers to insert test tones and create internal loopback modes
that can be used by designers to debug their designs during
prototyping and optimize their radio configuration for a
specific application.
RECEIVER
The receiver section contains all blocks necessary to receive RF
signals and convert them to digital data that is usable by a BBP.
There are two independently controlled channels that can receive
signals from different sources, allowing the device to be used in
multiple input, multiple output (MIMO) systems while sharing
a common frequency synthesizer.
Each channel has three inputs that can be multiplexed to the
signal chain, making the AD9361 suitable for use in diversity
systems with multiple antenna inputs. The receiver is a direct
conversion system that contains a low noise amplifier (LNA),
followed by matched in-phase (I) and quadrature (Q) amplifiers,
mixers, and band shaping filters that down convert received
signals to baseband for digitization. External LNAs can also be
interfaced to the device, allowing designers the flexibility to
customize the receiver front end for their specific application.
Gain control is achieved by following a preprogrammed gain
index map that distributes gain among the blocks for optimal
performance at each level. This can be achieved by enabling the
internal AGC in either fast or slow mode or by using manual
gain control, allowing the BBP to make the gain adjustments as
needed. Additionally, each channel contains independent RSSI
measurement capability, dc offset tracking, and all circuitry
necessary for self-calibration.
The receivers include 12-bit, sigma-delta (Σ-Δ) ADCs and
adjustable sample rates that produce data streams from the received
signals. The digitized signals can be conditioned further by a series
of decimation filters and a fully programmable 128-tap FIR filter
with additional decimation settings. The sample rate of each
digital filter block is adjustable by changing decimation factors
to produce the desired output data rate.
TRANSMITTER
The transmitter section consists of two identical and independently
controlled channels that provide all digital processing, mixed
signal, and RF blocks necessary to implement a direct conversion
system while sharing a common frequency synthesizer. The digital
data received from the BBP passes through a fully programmable
128-tap FIR filter with interpolation options. The FIR output is
sent to a series of interpolation filters that provide additional
filtering and data rate interpolation prior to reaching the DAC.
Each 12-bit DAC has an adjustable sampling rate. Both the I
and Q channels are fed to the RF block for upconversion.
When converted to baseband analog signals, the I and Q signals are
filtered to remove sampling artifacts and fed to the upconversion
mixers. At this point, the I and Q signals are recombined and
modulated on the carrier frequency for transmission to the
output stage. The combined signal also passes through analog
filters that provide additional band shaping, and then the signal
is transmitted to the output amplifier. Each transmit channel
provides a wide attenuation adjustment range with fine granularity
to help designers optimize signal-to-noise ratio (SNR).
Self-calibration circuitry is built into each transmit channel to
provide automatic real-time adjustment. The transmitter block
also provides a TX monitor block for each channel. This block
monitors the transmitter output and routes it back through an
unused receiver channel to the BBP for signal monitoring. The
TX monitor blocks are available only in TDD mode operation
while the receiver is idle.
CLOCK INPUT OPTIONS
The AD9361 operates using a reference clock that can be provided
by two different sources. The first option is to use a dedicated
crystal with a frequency between 19 MHz and 50 MHz connected
between the XTALP and XTALN pins. The second option is to
connect an external oscillator or clock distribution device (such as
the AD9548) to the XTALN pin (with the XTALP pin remaining
unconnected). If an external oscillator is used, the frequency
can vary between 10 MHz and 80 MHz. This reference clock
is used to supply the synthesizer blocks that generate all data
clocks, sample clocks, and local oscillators inside the device.
Errors in the crystal frequency can be removed by using the
digitally programmable digitally controlled crystal oscillator
(DCXO) function to adjust the on-chip variable capacitor. This
capacitor can tune the crystal frequency variance out of the
system, resulting in a more accurate reference clock from which
all other frequency signals are generated. This function can also
be used with on-chip temperature sensing to provide oscillator
frequency temperature compensation during normal operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com