Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9361BBCZ Datasheet(PDF) 8 Page - Analog Devices

Part # AD9361BBCZ
Description  RF Agile Transceiver
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9361BBCZ Datasheet(HTML) 8 Page - Analog Devices

Back Button AD9361BBCZ Datasheet HTML 4Page - Analog Devices AD9361BBCZ Datasheet HTML 5Page - Analog Devices AD9361BBCZ Datasheet HTML 6Page - Analog Devices AD9361BBCZ Datasheet HTML 7Page - Analog Devices AD9361BBCZ Datasheet HTML 8Page - Analog Devices AD9361BBCZ Datasheet HTML 9Page - Analog Devices AD9361BBCZ Datasheet HTML 10Page - Analog Devices AD9361BBCZ Datasheet HTML 11Page - Analog Devices AD9361BBCZ Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 36 page
background image
AD9361
Data Sheet
Rev. D | Page 8 of 36
CURRENT CONSUMPTION—VDD_INTERFACE
Table 2. VDD_INTERFACE = 1.2 V
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
SLEEP MODE
45
µA
Power applied, device disabled
1RX, 1TX, DDR
LTE10
Single Port
2.9
mA
30.72 MHz data clock, CMOS
Dual Port
2.7
mA
15.36 MHz data clock, CMOS
LTE20
Dual Port
5.2
mA
30.72 MHz data clock, CMOS
2RX, 2TX, DDR
LTE3
Dual Port
1.3
mA
7.68 MHz data clock, CMOS
LTE10
Single Port
4.6
mA
61.44 MHz data clock, CMOS
Dual Port
5.0
mA
30.72 MHz data clock, CMOS
LTE20
Dual Port
8.2
mA
61.44 MHz data clock, CMOS
GSM
Dual Port
0.2
mA
1.08 MHz data clock, CMOS
WiMAX 8.75
Dual Port
3.3
mA
20 MHz data clock, CMOS
WiMAX 10
Single Port
TDD RX
0.5
mA
22.4 MHz data clock, CMOS
TDD TX
3.6
mA
22.4 MHz data clock, CMOS
FDD
3.8
mA
44.8 MHz data clock, CMOS
WiMAX 20
Dual Port
FDD
6.7
mA
44.8 MHz data clock, CMOS
Table 3. VDD_INTERFACE = 1.8 V
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
SLEEP MODE
84
μA
Power applied, device disabled
1RX, 1TX, DDR
LTE10
Single Port
4.5
mA
30.72 MHz data clock, CMOS
Dual Port
4.1
mA
15.36 MHz data clock, CMOS
LTE20
Dual Port
8.0
mA
30.72 MHz data clock, CMOS
2RX, 2TX, DDR
LTE3
Dual Port
2.0
mA
7.68 MHz data clock, CMOS
LTE10
Single Port
8.0
mA
61.44 MHz data clock, CMOS
Dual Port
7.5
mA
30.72 MHz data clock, CMOS
LTE20
Dual Port
14.0
mA
61.44 MHz data clock, CMOS
GSM
Dual Port
0.3
mA
1.08 MHz data clock, CMOS
WiMAX 8.75
Dual Port
5.0
mA
20 MHz data clock, CMOS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com