Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9361BBCZ Datasheet(PDF) 29 Page - Analog Devices

Part # AD9361BBCZ
Description  RF Agile Transceiver
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9361BBCZ Datasheet(HTML) 29 Page - Analog Devices

Back Button AD9361BBCZ Datasheet HTML 25Page - Analog Devices AD9361BBCZ Datasheet HTML 26Page - Analog Devices AD9361BBCZ Datasheet HTML 27Page - Analog Devices AD9361BBCZ Datasheet HTML 28Page - Analog Devices AD9361BBCZ Datasheet HTML 29Page - Analog Devices AD9361BBCZ Datasheet HTML 30Page - Analog Devices AD9361BBCZ Datasheet HTML 31Page - Analog Devices AD9361BBCZ Datasheet HTML 32Page - Analog Devices AD9361BBCZ Datasheet HTML 33Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 36 page
background image
Data Sheet
AD9361
Rev. D | Page 29 of 36
5.5 GHz FREQUENCY BAND
Figure 53. RX Noise Figure vs. RF Frequency
Figure 54. RSSI Error vs. RX Input Power, Referenced to −50 dBm Input Power
at 5.8 GHz
Figure 55. RX EVM vs. RX Input Power, 64 QAM WiMAX 40 MHz Mode,
40 MHz REF_CLK (Doubled Internally for RF Synthesizer)
Figure 56. RX EVM vs. Interferer Power Level, WiMAX 40 MHz Signal of
Interest with PIN = −74 dBm, WiMAX 40 MHz Blocker at 40 MHz Offset
Figure 57. RX EVM vs. Interferer Power Level, WiMAX 40 MHz Signal of
Interest with PIN = −74 dBm, WiMAX 40 MHz Blocker at 80 MHz Offset
Figure 58. RX Gain vs. Frequency, Gain Index = 76 (Maximum Setting)
0
1
2
3
4
5
6
5.0
5.1
5.2
5.3
5.4
5.5
5.6
5.7
5.8
5.9
6.0
RF FREQUENCY (GHz)
–40°C
+25°C
+85°C
–3
–2
–1
0
1
2
3
4
5
–90
–80
–70
–60
–50
–40
–30
–20
–10
RX INPUT POWER (dBm)
–40°C
+25°C
+85°C
–40
–35
–30
–25
–20
–15
–10
–5
0
–74
–68
–62
–56
–50
–44
–38
–32
–26
–20
RX INPUT POWER (dBm)
–40°C
+25°C
+85°C
–25
–20
–15
–10
–5
0
5
–72
–67
–62
–57
–52
–47
–42
–37
–32
INTERFERER POWER LEVEL (dBm)
–40°C
+25°C
+85°C
–25
–20
–15
–10
–5
0
5
–60
–55
–50
–45
–40
–35
–30
–25
INTERFERER POWER LEVEL (dBm)
–40°C
+25°C
+85°C
60
62
64
66
68
70
–40°C
+25°C
+85°C
5.0
5.1
5.2
5.3
5.4
5.5
5.6
5.7
5.8
5.9
6.0
FREQUENCY (GHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com