Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9361BBCZ Datasheet(PDF) 1 Page - Analog Devices

Part # AD9361BBCZ
Description  RF Agile Transceiver
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9361BBCZ Datasheet(HTML) 1 Page - Analog Devices

  AD9361BBCZ Datasheet HTML 1Page - Analog Devices AD9361BBCZ Datasheet HTML 2Page - Analog Devices AD9361BBCZ Datasheet HTML 3Page - Analog Devices AD9361BBCZ Datasheet HTML 4Page - Analog Devices AD9361BBCZ Datasheet HTML 5Page - Analog Devices AD9361BBCZ Datasheet HTML 6Page - Analog Devices AD9361BBCZ Datasheet HTML 7Page - Analog Devices AD9361BBCZ Datasheet HTML 8Page - Analog Devices AD9361BBCZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
RF Agile Transceiver
Data Sheet
AD9361
Rev. D
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2013 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
RF 2 × 2 transceiver with integrated 12-bit DACs and ADCs
Band: 70 MHz to 6.0 GHz
Supports TDD and FDD operation
Tunable channel bandwidth: <200 kHz to 56 MHz
Dual receivers: 6 differential or 12 single-ended inputs
Superior receiver sensitivity with a noise figure of 2 dB at
800 MHz local oscillator (LO)
RX gain control
Real-time monitor and control signals for manual gain
Independent automatic gain control
Dual transmitters: 4 differential outputs
Highly linear broadband transmitter
TX EVM: ≤−40 dB
TX noise: ≤−157 dBm/Hz noise floor
TX monitor: ≥66 dB dynamic range with 1 dB accuracy
Integrated fractional-N synthesizers
2.4 Hz maximum LO step size
Multichip synchronization
CMOS/LVDS digital interface
APPLICATIONS
Point to point communication systems
Femtocell/picocell/microcell base stations
General-purpose radio systems
FUNCTIONAL BLOCK DIAGRAM
Figure 1.
GENERAL DESCRIPTION
The AD9361 is a high performance, highly integrated radio
frequency (RF) Agile Transceiver™ designed for use in 3G and 4G
base station applications. Its programmability and wideband
capability make it ideal for a broad range of transceiver applications.
The device combines a RF front end with a flexible mixed-signal
baseband section and integrated frequency synthesizers,
simplifying design-in by providing a configurable digital interface
to a processor. The AD9361 operates in the 70 MHz to 6.0 GHz
range, covering most licensed and unlicensed bands. Channel
bandwidths from less than 200 kHz to 56 MHz are supported.
The two independent direct conversion receivers have state-of-the-
art noise figure and linearity. Each receive (RX) subsystem includes
independent automatic gain control (AGC), dc offset correction,
quadrature correction, and digital filtering, thereby eliminating
the need for these functions in the digital baseband. The AD9361
also has flexible manual gain modes that can be externally
controlled. Two high dynamic range ADCs per channel digitize
the received I and Q signals and pass them through configurable
decimation filters and 128-tap finite impulse response (FIR) filters
to produce a 12-bit output signal at the appropriate sample rate.
The transmitters use a direct conversion architecture that
achieves high modulation accuracy with ultralow noise. This
transmitter design produces a best in class TX EVM of <−40 dB,
allowing significant system margin for the external PA selection.
The on-board transmit (TX) power monitor can be used as a
power detector, enabling highly accurate TX power measurements.
The fully integrated phase-locked loops (PLLs) provide low
power fractional-N frequency synthesis for all receive and
transmit channels. Channel isolation, demanded by frequency
division duplex (FDD) systems, is integrated into the design.
All VCO and loop filter components are integrated.
The core of the AD9361 can be powered directly from a 1.3 V
regulator. The IC is controlled via a standard 4-wire serial port
and four real-time I/O control pins. Comprehensive power-down
modes are included to minimize power consumption during
normal use. The AD9361 is packaged in a 10 mm × 10 mm,
144-ball chip scale package ball grid array (CSP_BGA).
AD9361
RX1B_P,
RX1B_N
P1_[D11:D0]/
RX_[D5:D0]
P0_[D11:D0]/
TX_[D5:D0]
RADIO
SWITCHING
NOTES
1. SPI, CTRL, P0_[D11:D0]/TX_[D5:D0], P1_[D11:D0]/RX_[D5:D0],
AND RADIO SWITCHING CONTAIN MULTIPLE PINS.
RX1A_P,
RX1A_N
RX1C_P,
RX1C_N
RX2B_P,
RX2B_N
RX2A_P,
RX2A_N
RX2C_P,
RX2C_N
TX_MON1
RX LO
TX LO
TX1A_P,
TX1A_N
TX1B_P,
TX1B_N
TX_MON2
TX2A_P,
TX2A_N
TX2B_P,
TX2B_N
CTRL
AUXDACx XTALP XTALN
AUXADC
CTRL
SPI
DAC
GPO
PLLs
CLK_OUT
DAC
ADC
ADC


Similar Part No. - AD9361BBCZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9361BBCZ AD-AD9361BBCZ Datasheet
83Kb / 2P
RF Agile Transceiver
Rev. SpC
AD9361BBCZ AD-AD9361BBCZ Datasheet
596Kb / 36P
RF Agile Transceiver
REV. D
AD9361BBCZ AD-AD9361BBCZ Datasheet
639Kb / 36P
RF Agile Transceiver
Rev. F
AD9361BBCZ-CSL AD-AD9361BBCZ-CSL Datasheet
640Kb / 33P
RF Agile Transceiver
12/2020-Revision 0
AD9361BBCZ-REEL AD-AD9361BBCZ-REEL Datasheet
596Kb / 36P
RF Agile Transceiver
REV. D
More results

Similar Description - AD9361BBCZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD6411 AD-AD6411 Datasheet
112Kb / 11P
DECT RF Transceiver
REV.0
logo
AMI SEMICONDUCTOR
AMIS-53000 AMI-AMIS-53000 Datasheet
3Mb / 99P
Frequency Agile Transceiver
AMIS-53050 AMI-AMIS-53050 Datasheet
3Mb / 107P
Frequency Agile Transceiver
logo
Analog Devices
AD9361BBCZ AD-AD9361BBCZ Datasheet
83Kb / 2P
RF Agile Transceiver
Rev. SpC
AD9361BBCZ-REEL AD-AD9361BBCZ-REEL Datasheet
596Kb / 36P
RF Agile Transceiver
REV. D
logo
List of Unclassifed Man...
SMARTALPHA-433 ETC2-SMARTALPHA-433 Datasheet
4Mb / 14P
RF Transceiver
logo
Texas Instruments
CC400 TI1-CC400 Datasheet
566Kb / 2P
RF Transceiver
logo
Analog Devices
AD9361S-CSL AD-AD9361S-CSL Datasheet
640Kb / 33P
RF Agile Transceiver
12/2020-Revision 0
AD9361 AD-AD9361 Datasheet
639Kb / 36P
RF Agile Transceiver
Rev. F
logo
Pico Technology Ltd.
AS108 PICO-AS108 Datasheet
1Mb / 10P
8 GHz Agile Synthesizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com