Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9361BBCZ Datasheet(PDF) 35 Page - Analog Devices

Part # AD9361BBCZ
Description  RF Agile Transceiver
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9361BBCZ Datasheet(HTML) 35 Page - Analog Devices

Back Button AD9361BBCZ Datasheet HTML 28Page - Analog Devices AD9361BBCZ Datasheet HTML 29Page - Analog Devices AD9361BBCZ Datasheet HTML 30Page - Analog Devices AD9361BBCZ Datasheet HTML 31Page - Analog Devices AD9361BBCZ Datasheet HTML 32Page - Analog Devices AD9361BBCZ Datasheet HTML 33Page - Analog Devices AD9361BBCZ Datasheet HTML 34Page - Analog Devices AD9361BBCZ Datasheet HTML 35Page - Analog Devices AD9361BBCZ Datasheet HTML 36Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 35 / 36 page
background image
Data Sheet
AD9361
Rev. D | Page 35 of 36
In FDD mode, the ENABLE and TXNRX pins can be remapped
to serve as real-time RX and TX data transfer control signals. In
this mode, the ENABLE pin enables or disables the receive signal
path, and the TXNRX pin enables or disables the transmit signal
path. In this mode, the ENSM is removed from the system for
control of all data flow by these pins.
SPI INTERFACE
The AD9361 uses a serial peripheral interface (SPI) to
communicate with the BBP. This interface can be configured
as a 4-wire interface with dedicated receive and transmit ports,
or it can be configured as a 3-wire interface with a bidirectional
data communication port. This bus allows the BBP to set all device
control parameters using a simple address data serial bus protocol.
Write commands follow a 24-bit format. The first six bits are
used to set the bus direction and number of bytes to transfer.
The next 10 bits set the address where data is to be written. The
final eight bits are the data to be transferred to the specified register
address (MSB to LSB). The AD9361 also supports an LSB-first
format that allows the commands to be written in LSB to MSB
format. In this mode, the register addresses are incremented for
multibyte writes.
Read commands follow a similar format with the exception that
the first 16 bits are transferred on the SPI_DI pin and the final
eight bits are read from the AD9361, either on the SPI_DO pin
in 4-wire mode or on the SPI_DI pin in 3-wire mode.
CONTROL PINS
Control Outputs (CTRL_OUT[7:0])
The AD9361 provides eight simultaneous real-time output signals
for use as interrupts to the BBP. These outputs can be configured to
output a number of internal settings and measurements that the
BBP can use when monitoring transceiver performance in different
situations. The control output pointer register selects what
information is output to these pins, and the control output enable
register determines which signals are activated for monitoring by
the BBP. Signals used for manual gain mode, calibration flags,
state machine states, and the ADC output are among the outputs
that can be monitored on these pins.
Control Inputs (CTRL_IN[3:0])
The AD9361 provides four edge detected control input pins. In
manual gain mode, the BBP can use these pins to change the gain
table index in real time. In transmit mode, the BBP can use two
of the pins to change the transmit gain in real time.
GPO PINS (GPO_3 TO GPO_0)
The AD9361 provides four, 3.3 V capable general-purpose logic
output pins: GPO_3, GPO_2, GPO_1, and GPO_0. These pins
can be used to control other peripheral devices such as regulators
and switches via the AD9361 SPI bus, or they can function as
slaves for the internal AD9361 state machine.
AUXILIARY CONVERTERS
AUXADC
The AD9361 contains an auxiliary ADC that can be used to
monitor system functions such as temperature or power output.
The converter is 12 bits wide and has an input range of 0 V to
1.25 V. When enabled, the ADC is free running. SPI reads provide
the last value latched at the ADC output. A multiplexer in front
of the ADC allows the user to select between the AUXADC input
pin and a built-in temperature sensor.
AUXDAC1 and AUXDAC2
The AD9361 contains two identical auxiliary DACs that can
provide power amplifier (PA) bias or other system functionality.
The auxiliary DACs are 10 bits wide, have an output voltage range
of 0.5 V to VDD_GPO − 0.3 V, a current drive of 10 mA, and
can be directly controlled by the internal enable state machine.
POWERING THE AD9361
The AD9361 must be powered by the following three supplies:
the analog supply (VDDD1P3_DIG/VDDAx = 1.3 V), the
interface supply (VDD_INTERFACE = 1.8 V), and the GPO
supply (VDD_GPO = 3.3 V).
For applications requiring optimal noise performance, it is
recommended that the 1.3 V analog supply be split and sourced
from low noise, low dropout (LDO) regulators. Figure 74 shows
the recommended method.
Figure 74. Low Noise Power Solution for the AD9361
For applications where board space is at a premium, and
optimal noise performance is not an absolute requirement, the
1.3 V analog rail can be provided directly from a switcher, and a
more integrated power management unit (PMU) approach can
be adopted. Figure 75 shows this approach.
Figure 75. Space-Optimized Power Solution for the AD9361
3.3V
1.8V
1.3V_A
1.3V_B
ADP2164
ADP1755
ADP1755
ADP1755
LDO
ADP5040
1.2A
BUCK
300mA
LDO
300mA
LDO
AD9361
1.3V
VDDD1P3_DIG/VDDAx
1.8V
VDD_INTERFACE
3.3V
VDD_GPO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com