Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9361BBCZ Datasheet(PDF) 5 Page - Analog Devices

Part # AD9361BBCZ
Description  RF Agile Transceiver
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9361BBCZ Datasheet(HTML) 5 Page - Analog Devices

  AD9361BBCZ Datasheet HTML 1Page - Analog Devices AD9361BBCZ Datasheet HTML 2Page - Analog Devices AD9361BBCZ Datasheet HTML 3Page - Analog Devices AD9361BBCZ Datasheet HTML 4Page - Analog Devices AD9361BBCZ Datasheet HTML 5Page - Analog Devices AD9361BBCZ Datasheet HTML 6Page - Analog Devices AD9361BBCZ Datasheet HTML 7Page - Analog Devices AD9361BBCZ Datasheet HTML 8Page - Analog Devices AD9361BBCZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 36 page
background image
Data Sheet
AD9361
Rev. D | Page 5 of 36
Parameter1
Symbol
Min
Typ
Max
Unit
Test Conditions/
Comments
TX MONITOR INPUTS (TX_MON1,
TX_MON2)
Maximum Input Level
4
dBm
Dynamic Range
66
dB
Accuracy
1
dB
LO SYNTHESIZER
LO Frequency Step
2.4
Hz
2.4 GHz, 40 MHz
reference clock
Integrated Phase Noise
800 MHz
0.13
° rms
100 Hz to 100 MHz,
30.72 MHz reference clock
(doubled internally for RF
synthesizer)
2.4 GHz
0.37
° rms
100 Hz to 100 MHz,
40 MHz reference clock
5.5 GHz
0.59
° rms
100 Hz to 100 MHz,
40 MHz reference clock
(doubled internally for RF
synthesizer)
REFERENCE CLOCK (REF_CLK)
REF_CLK is either the input
to the XTALP/XTALN pins
or a line directly to the
XTALN pin
Input
Frequency Range
19
50
MHz
Crystal input
10
80
MHz
External oscillator
Signal Level
1.3
V p-p
AC-coupled external
oscillator
AUXILIARY CONVERTERS
ADC
Resolution
12
Bits
Input Voltage
Minimum
0.05
V
Maximum
VDDA1P3_BB − 0.05
V
DAC
Resolution
10
Bits
Output Voltage
Minimum
0.5
V
Maximum
VDD_GPO − 0.3
V
Output Current
10
mA
DIGITAL SPECIFICATIONS (CMOS)
Logic Inputs
Input Voltage
High
VDD_INTERFACE × 0.8
VDD_INTERFACE
V
Low
0
VDD_INTERFACE × 0.2
V
Input Current
High
−10
+10
μA
Low
−10
+10
μA
Logic Outputs
Output Voltage
High
VDD_INTERFACE × 0.8
V
Low
VDD_INTERFACE × 0.2
V
DIGITAL SPECIFICATIONS (LVDS)
Logic Inputs
Input Voltage Range
825
1575
mV
Each differential input in
the pair
Input Differential Voltage
Threshold
−100
+100
mV
Receiver Differential Input
Impedance
100
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com