Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C975VCW Datasheet(PDF) 195 Page - Advanced Micro Devices

Part # AM79C975VCW
Description  PCnet??FAST III Single-Chip 10/100 Mbps PCI Ethernet Controller with Integrated PHY
PDF  304 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C975VCW Datasheet(HTML) 195 Page - Advanced Micro Devices

Back Button AM79C975VCW Datasheet HTML 191Page - Advanced Micro Devices AM79C975VCW Datasheet HTML 192Page - Advanced Micro Devices AM79C975VCW Datasheet HTML 193Page - Advanced Micro Devices AM79C975VCW Datasheet HTML 194Page - Advanced Micro Devices AM79C975VCW Datasheet HTML 195Page - Advanced Micro Devices AM79C975VCW Datasheet HTML 196Page - Advanced Micro Devices AM79C975VCW Datasheet HTML 197Page - Advanced Micro Devices AM79C975VCW Datasheet HTML 198Page - Advanced Micro Devices AM79C975VCW Datasheet HTML 199Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 195 / 304 page
background image
Am79C973/Am79C975
195
P R E L I M INARY
ANR1: Status Register (Register 1)
The Status Register identifies the physical and Auto-
negotiation capabilities of the local PHY. This register is
read only; a write will have no effect.
Table 41. ANR1: PHY Status Register (Register 1)
Note:
1. LH = Latching High, LL = Latching Low.
2. The link status bit 2 is fed from register 24 bit 3. Register 24 bit 3 tracks the real time state of the PHY, but link status in ANR1
is latched. After a change of the state of the link, ANR1 must be read twice. The first read will provide old information but it
causes the link status bit to be updated from register 24 bit 3. The second read will then provide the correct state of the link.
Reg
Bits
Name
Description
Read/Write
(Note 1)
Default
Value
1
15
100BASE-T4
1 = 100BASE-T4 able,
0 = not 100BASE-T4 able
RO
0
1
14
100BASE-X Full Duplex
1 = 100BASE-X full duplex able,
0 = not 100BASE-X full duplex able
RO
1
1
13
100BASE-X Half Duplex
1 = 100BASE-X half duplex able,
0 = not 100BASE-X half duplex able
RO
1
1
12
10 Mbps Full Duplex
1 = 10 Mbps full duplex able,
0 = not 10 Mbps full duplex able
RO
1
1
11
10 Mbps Half Duplex
1 = 10 Mbps full duplex able,
0 = not 10 Mbps full duplex able
RO
1
1
10-7
Reserved
Ignore when read
RO
0
1
6
MF Preamble Suppression
1 = PHY can accept management
(mgmt) frames with or without preamble,
0 = PHY can only accept mgmt frames
with preamble
RO
1
1
5
Auto-Negotiation Complete
1 = Auto-Negotiation completed,
0 = Auto-Negotiation not completed
RO
0
1 (Note
1)
4
Remote Fault
1 = remote fault detected,
0 = no remote fault detected
RO, LH
0
1
3
Auto-Negotiation Ability
1 = PHY able to auto-negotiate,
0 = PHY not able to auto-negotiate
RO
1
1 (Note
1)
2Link Status
1 = link is up,
0 = link is down
RO, LL
0
1
1
Jabber Detect
1 = jabber condition detected,
0 = no jabber condition detected
RO
0
1
0
Extended Capability
1 = extended register capabilities,
0 = basic register set capabilities only
RO
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com