Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C975VCW Datasheet(PDF) 196 Page - Advanced Micro Devices

Part # AM79C975VCW
Description  PCnet??FAST III Single-Chip 10/100 Mbps PCI Ethernet Controller with Integrated PHY
PDF  304 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C975VCW Datasheet(HTML) 196 Page - Advanced Micro Devices

Back Button AM79C975VCW Datasheet HTML 192Page - Advanced Micro Devices AM79C975VCW Datasheet HTML 193Page - Advanced Micro Devices AM79C975VCW Datasheet HTML 194Page - Advanced Micro Devices AM79C975VCW Datasheet HTML 195Page - Advanced Micro Devices AM79C975VCW Datasheet HTML 196Page - Advanced Micro Devices AM79C975VCW Datasheet HTML 197Page - Advanced Micro Devices AM79C975VCW Datasheet HTML 198Page - Advanced Micro Devices AM79C975VCW Datasheet HTML 199Page - Advanced Micro Devices AM79C975VCW Datasheet HTML 200Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 196 / 304 page
background image
196
Am79C973/Am79C975
P R E L I M INARY
ANR2 and ANR3: PHY Identifier (Registers 2 and 3)
Registers 2 and 3 contain a unique PHY identifier, con-
sisting of 22 bits of the organizationally unique IEEE
Identifier, a 6-bit manufacturer’s model number, and a
4-bit manufacturer’s revision number. The most signifi-
cant bit of the PHY identifier is bit 15 of register 2; the
least significant bit of the PHY identifier is bit 0 of reg-
ister 3. Register 2, bit 15 corresponds to bit 3 of the
IEEE Identifier and register 2, bit 0 corresponds to bit
18 of the IEEE Identifier. Register 3, bit 15 corresponds
to bit 19 of the IEEE Identifier and register 3, bit 10 cor-
responds to bit 24 of the IEEE Identifier. Register 3, bits
9-4 contain the manufacturer’s model number and bits
3-0 contain the manufacturer’s revision number. These
registers are shown in Table 42 and Table 43.
Table 42. ANR2: PHY Identifier (Register 2)
Table 43. ANR3: PHY Identifier (Register 3)
Reg
Bits
Name
Description
Read/
Write
Default Value
Soft Reset
2
15-0
PHY_ID[31-16]
IEEE Address (bits 3-18);
Register 2, bit 15 is MS bit of PHY
Identifier
RO
0000000000000000
(0000 Hex)
Retains original
Value
Reg
Bits
Name
Description
Read/Write
Default Value
Soft Reset
3
15-10
PHY_ID[15-10]
IEEE Address (bits
19-24)
RO
011010
(1A Hex)
Retains original
value
3
9-4
PHY_ID[9-4]
Manufacturer’s
Model Number (bits
5-0)
RO
110110
(36 Hex)
Retains original
value
3
3-0
PHY_ID[3-0]
Revision Number
(bits 3-0); Register 3,
bit 0 is LS bit of PHY
Identifier
RO
0000
Retains original
value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com