Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C975VCW Datasheet(PDF) 203 Page - Advanced Micro Devices

Part # AM79C975VCW
Description  PCnet??FAST III Single-Chip 10/100 Mbps PCI Ethernet Controller with Integrated PHY
PDF  304 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C975VCW Datasheet(HTML) 203 Page - Advanced Micro Devices

Back Button AM79C975VCW Datasheet HTML 199Page - Advanced Micro Devices AM79C975VCW Datasheet HTML 200Page - Advanced Micro Devices AM79C975VCW Datasheet HTML 201Page - Advanced Micro Devices AM79C975VCW Datasheet HTML 202Page - Advanced Micro Devices AM79C975VCW Datasheet HTML 203Page - Advanced Micro Devices AM79C975VCW Datasheet HTML 204Page - Advanced Micro Devices AM79C975VCW Datasheet HTML 205Page - Advanced Micro Devices AM79C975VCW Datasheet HTML 206Page - Advanced Micro Devices AM79C975VCW Datasheet HTML 207Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 203 / 304 page
background image
Am79C973/Am79C975
203
P R E L I M INARY
Table 53. ANR24: Summary Status Register (Register 24)
Initialization Block
Note: When SSIZE32 (BCR20, bit 8) is set to 0, the
software structures are defined to be 16 bits wide. The
base address of the initialization block must be aligned
to a DWord boundary, i.e., CSR1, bit 1 and 0 must be
cleared to 0. When SSIZE32 is set to 0, the initialization
block looks like Table 54.
Note: The Am79C973/Am79C975 controller performs
DWord accesses to read the initialization block. This
statement is always true, regardless of the setting of
the SSIZE32 bit.
When SSIZE32 (BCR20, bit 8) is set to 1, the software
structures are defined to be 32 bits wide. The base ad-
dress of the initialization block must be aligned to a
DWord boundary, i.e., CSR1, bits 1 and 0 must be
cleared to 0. When SSIZE32 is set to 1, the initialization
block looks like Table 55.
Bit(s)
Name
Description
Read/
Write
H/W or Soft
Reset
15-4
Reserved
Write as 0; Ignore on Read
0
0
3Link Status
1 = Link Status is up.
0 = Link Status is down.
R/O
0
2
Full Duplex
1 = Operating in full duplex mode
0 = Operating in half duplex mode
R/O
0
1
AutoNEG
Alert
1 = AutoNEG status has changed
0 = AutoNEG status unchanged
R/O
0
0
Speed
1 = Operating at 100 Mbps
0 = Operating at 10 Mbps
R/O
1
Table 54. Initialization Block (SSIZE32 = 0)
Address
Bits 15-13
Bit 12
Bits 11-8
Bits 7-4
Bits 3-0
IADR+00h
MODE 15-00
IADR+02h
PADR 15-00
IADR+04h
PADR 31-16
IADR+06h
PADR 47-32
IADR+08h
LADRF 15-00
IADR+0Ah
LADRF 31-16
IADR+0Ch
LADRF 47-32
IADR+0Eh
LADRF 63-48
IADR+10h
RDRA 15-00
IADR+12h
RLEN
0
RES
TDRA 23-16
IADR+14h
TDRA 15-00
IADR+16h
TLEN
0
RES
TDRA 23-16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com