Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C975VCW Datasheet(PDF) 205 Page - Advanced Micro Devices

Part # AM79C975VCW
Description  PCnet??FAST III Single-Chip 10/100 Mbps PCI Ethernet Controller with Integrated PHY
PDF  304 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C975VCW Datasheet(HTML) 205 Page - Advanced Micro Devices

Back Button AM79C975VCW Datasheet HTML 201Page - Advanced Micro Devices AM79C975VCW Datasheet HTML 202Page - Advanced Micro Devices AM79C975VCW Datasheet HTML 203Page - Advanced Micro Devices AM79C975VCW Datasheet HTML 204Page - Advanced Micro Devices AM79C975VCW Datasheet HTML 205Page - Advanced Micro Devices AM79C975VCW Datasheet HTML 206Page - Advanced Micro Devices AM79C975VCW Datasheet HTML 207Page - Advanced Micro Devices AM79C975VCW Datasheet HTML 208Page - Advanced Micro Devices AM79C975VCW Datasheet HTML 209Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 205 / 304 page
background image
Am79C973/Am79C975
205
P R E L I M INARY
If the Logical Address Filter is loaded with all zeros and
promiscuous mode is disabled, all incoming logical ad-
dresses except broadcast will be rejected. If the
DRCVBC bit (CSR15, bit 14) is set as well, the broad-
cast packets will be rejected. See Figure 51.
PADR
This 48-bit value represents the unique node address
assigned by the ISO 8802-3 (IEEE/ANSI 802.3) and
used for internal address comparison. PADR[0] is com-
pared with the first bit in the destination address of the
incoming frame. It must be 0 since only the destination
address of a unicast frames is compared to PADR. The
six hex-digit nomenclature used by the ISO 8802-3
(I EEE/ AN S I 80 2. 3) map s to t h e Am 79 C 9 73/
Am79C975 PADR register as follows: the first byte is
compared with PADR[7:0], with PADR[0] being the
least significant bit of the byte. The second ISO 8802-3
(IEEE/ANSI 802.3) byte is compared with PADR[15:8],
again from the least significant bit to the most signifi-
cant bit, and so on. The sixth byte is compared with
PADR[47:40], the least significant bit being PADR[40].
Mode
The mode register field of the initialization block is cop-
ied into CSR15 and interpreted according to the de-
scription of CSR15.
Figure 51. Address Match Logic
Receive Descriptors
When SWSTYLE (BCR20, bits 7-0) is set to 0, then the
software structures are defined to be 16 bits wide, and
receive descriptors look like Table 58 (CRDA = Current
Receive Descriptor Address).
When SWSTYLE (BCR 20, bits 7-0) is set to 2, then the
software structures are defined to be 32 bits wide, and
receive descriptors look like Table 59 (CRDA = Current
Receive Descriptor Address).
When SWSTYLE (BCR 20, bits 7-0) is set to 3, then the
software structures are defined to be 32 bits wide, and
receive descriptors look like Table 60 (CRDA = Current
Receive Descriptor Address).
Table 58. Receive Descriptor (SWSTYLE = 0)
1
CRC
GEN
SEL
31
26
MUX
63
0
64
Match = 1 Packet Accepted
Match = 0 Packet Rejected
Match
Logical
Address Filter
(LADRF)
0
6
32-Bit Resultant CRC
1
0
Received Message
Destination Address
47
21510B-56
Address
151413121110
9
8
7-0
CRDA+00h
RBADR[15:0]
CRDA+02h
OWN
ERR
FRAM
OFLO
CRC
BUFF
STP
ENP
RBADR[23:16]
CRDA+04h
1111
BCNT
CRDA+06h
0000
MCNT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com