Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C975VCW Datasheet(PDF) 212 Page - Advanced Micro Devices

Part # AM79C975VCW
Description  PCnet??FAST III Single-Chip 10/100 Mbps PCI Ethernet Controller with Integrated PHY
PDF  304 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C975VCW Datasheet(HTML) 212 Page - Advanced Micro Devices

Back Button AM79C975VCW Datasheet HTML 208Page - Advanced Micro Devices AM79C975VCW Datasheet HTML 209Page - Advanced Micro Devices AM79C975VCW Datasheet HTML 210Page - Advanced Micro Devices AM79C975VCW Datasheet HTML 211Page - Advanced Micro Devices AM79C975VCW Datasheet HTML 212Page - Advanced Micro Devices AM79C975VCW Datasheet HTML 213Page - Advanced Micro Devices AM79C975VCW Datasheet HTML 214Page - Advanced Micro Devices AM79C975VCW Datasheet HTML 215Page - Advanced Micro Devices AM79C975VCW Datasheet HTML 216Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 212 / 304 page
background image
212
Am79C973/Am79C975
P R E L I M INARY
initiated transmission when oper-
ating in half-duplex mode. The
Am79C973/Am79C975 controller
does not retry upon loss of carri-
er. It will continue to transmit the
whole frame until done. LCAR will
not be set when the device is op-
erating in full-duplex mode. LCAR
is not valid in Internal Loopback
Mode.
LCAR
is
set
by
the
Am79C973/Am79C975 controller
and cleared by the host.
LCAR will be set when the PHY is
in Link Fail state during transmis-
sion.
26
RTRY
Retry error indicates that the
transmitter has failed after 16 at-
tempts to successfully transmit a
message, due to repeated colli-
sions on the medium. If DRTY is
set to 1 in the MODE register,
RTRY will set after one failed
transmission attempt. RTRY is
set
by
the
Am79C973/
Am79C975
controller
and
cleared by the host.
25-4
RES
Reserved locations.
3-0
TRC
Transmit Retry Count. Indicates
the number of transmit retries of
the associated packet. The maxi-
mum count is 15. However, if a
RETRY error occurs, the count
will roll over to 0.
In this case only, the Transmit
Retry Count value of 0 should be
interpreted as meaning 16. TRC
is written by the Am79C973/
Am79C975 controller into the last
transmit descriptor of a frame, or
when
an
error
terminates
a
frame. Valid only when OWN is
cleared to 0.
TMD3
Bit
Name
Description
31-0
US
User Space. Reserved for user
defined space.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com