Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C975VCW Datasheet(PDF) 214 Page - Advanced Micro Devices

Part # AM79C975VCW
Description  PCnet??FAST III Single-Chip 10/100 Mbps PCI Ethernet Controller with Integrated PHY
PDF  304 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C975VCW Datasheet(HTML) 214 Page - Advanced Micro Devices

Back Button AM79C975VCW Datasheet HTML 210Page - Advanced Micro Devices AM79C975VCW Datasheet HTML 211Page - Advanced Micro Devices AM79C975VCW Datasheet HTML 212Page - Advanced Micro Devices AM79C975VCW Datasheet HTML 213Page - Advanced Micro Devices AM79C975VCW Datasheet HTML 214Page - Advanced Micro Devices AM79C975VCW Datasheet HTML 215Page - Advanced Micro Devices AM79C975VCW Datasheet HTML 216Page - Advanced Micro Devices AM79C975VCW Datasheet HTML 217Page - Advanced Micro Devices AM79C975VCW Datasheet HTML 218Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 214 / 304 page
background image
214
Am79C973/Am79C975
P R E L I M INARY
Control and Status Registers
Note:
u = undefined value, R = Running register, S = Setup register, T = Test register; all default values are in hexadecimal format.
RAP
Addr
Symbol
Default Value
Comments
Use
00
CSR0
uuuu 0004
Am79C973/Am79C975 Controller Status Register
R
01
CSR1
uuuu uuuu
Lower IADR: maps to location 16
S
02
CSR2
uuuu uuuu
Upper IADR: maps to location 17
S
03
CSR3
uuuu 0000
Interrupt Masks and Deferral Control
S
04
CSR4
uuuu 0115
Test and Features Control
R
05
CSR5
uuuu 0000
Extended Control and Interrupt 1
R
06
CSR6
uuuu uuuu
RXTX: RX/TX Encoded Ring Lengths
S
07
CSR7
0uuu 0000
Extended Control and Interrupt 1
R
08
CSR8
uuuu uuuu
LADRF0: Logical Address Filter — LADRF[15:0]
S
09
CSR9
uuuu uuuu
LADRF1: Logical Address Filter — LADRF[31:16]
S
10
CSR10
uuuu uuuu
LADRF2: Logical Address Filter — LADRF[47:32]
S
11
CSR11
uuuu uuuu
LADRF3: Logical Address Filter — LADRF[63:48]
S
12
CSR12
uuuu uuuu
PADR0: Physical Address Register — PADR[15:0][
S
13
CSR13
uuuu uuuu
PADR1: Physical Address Register — PADR[31:16]
S
14
CSR14
uuuu uuuu
PADR2: Physical Address Register — PADR[47:32]
S
15
CSR15
see register
description
MODE: Mode Register
S
16
CSR16
uuuu uuuu
IADRL: Base Address of INIT Block Lower (Copy)
T
17
CSR17
uuuu uuuu
IADRH: Base Address of INIT Block Upper (Copy)
T
18
CSR18
uuuu uuuu
CRBAL: Current RCV Buffer Address Lower
T
19
CSR19
uuuu uuuu
CRBAU: Current RCV Buffer Address Upper
T
20
CSR20
uuuu uuuu
CXBAL: Current XMT Buffer Address Lower
T
21
CSR21
uuuu uuuu
CXBAU: Current XMT Buffer Address Upper
T
22
CSR22
uuuu uuuu
NRBAL: Next RCV Buffer Address Lower
T
23
CSR23
uuuu uuuu
NRBAU: Next RCV Buffer Address Upper
T
24
CSR24
uuuu uuuu
BADRL: Base Address of RCV Ring Lower
S
25
CSR25
uuuu uuuu
BADRU: Base Address of RCV Ring Upper
S
26
CSR26
uuuu uuuu
NRDAL: Next RCV Descriptor Address Lower
T
27
CSR27
uuuu uuuu
NRDAU: Next RCV Descriptor Address Upper
T
28
CSR28
uuuu uuuu
CRDAL: Current RCV Descriptor Address Lower
T
29
CSR29
uuuu uuuu
CRDAU: Current RCV Descriptor Address Upper
T
30
CSR30
uuuu uuuu
BADXL: Base Address of XMT Ring Lower
S
31
CSR31
uuuu uuuu
BADXU: Base Address of XMT Ring Upper
S
32
CSR32
uuuu uuuu
NXDAL: Next XMT Descriptor Address Lower
T
33
CSR33
uuuu uuuu
NXDAU: Next XMT Descriptor Address Upper
T



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com