Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C975VCW Datasheet(PDF) 250 Page - Advanced Micro Devices

Part # AM79C975VCW
Description  PCnet??FAST III Single-Chip 10/100 Mbps PCI Ethernet Controller with Integrated PHY
PDF  304 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C975VCW Datasheet(HTML) 250 Page - Advanced Micro Devices

Back Button AM79C975VCW Datasheet HTML 246Page - Advanced Micro Devices AM79C975VCW Datasheet HTML 247Page - Advanced Micro Devices AM79C975VCW Datasheet HTML 248Page - Advanced Micro Devices AM79C975VCW Datasheet HTML 249Page - Advanced Micro Devices AM79C975VCW Datasheet HTML 250Page - Advanced Micro Devices AM79C975VCW Datasheet HTML 251Page - Advanced Micro Devices AM79C975VCW Datasheet HTML 252Page - Advanced Micro Devices AM79C975VCW Datasheet HTML 253Page - Advanced Micro Devices AM79C975VCW Datasheet HTML 254Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 250 / 304 page
background image
250
Am79C973/Am79C975
P R E L I M INARY
If the second slave address in the Block Read Com-
mand is not the one of the Am79C975 controller, the
device will release the MDATA line to generate a NACK.
The master, receiving the NACK, must abort the cycle
by generating a STOP condition.
Key:
Figure 75. Block Read Command
Detailed Functions
Global Enable/Disable
Bit 15 (SMIUEN) in BCR2 is used to enable/disable the
Serial Management Interface Unit in the Am79C975
controller. If SMIUEN is set to 0 (default), the SMIU is
disabled. If SMIUEN is set to 1, the SMIU is enabled.
BCR2 is programmable via the EEPROM.
Identification
The SMIU of the Am79C975 controller provides a com-
prehensive set of registers that allow the identification
of the device. ID information includes Vendor ID, De-
vice ID and Revision ID. In addition, the Subsystem
Vendor ID and Subsystem ID allow a system manufac-
turer to differentiate his product from a product by an-
other vendor who is also using the Am79C975
controller. All SMIU ID registers are shadow registers
of the respective PCI registers and can be initialized via
the EEPROM (with the exception of the Revision ID).
The host can verify that the registers are correctly ini-
tialized from the EEPROM by checking the PVALID bit
in the SMIU Am79C975 Status register.
Initialization
The SMIU of the Am79C975 controller does not require
any complex initialization in order to transmit or receive
management frames. Only the acknowledgment frame
filter needs to be setup in order to receive incoming
frames (see section Receive Operation later).
The host should check the content of the Transceiver
Status register to make sure the Am79C975 controller
is connected to a network (LINK set to 1), before any
transmit or receive operation is started.
Note that the SMIU is not accessible while the
Am79C975 controller is reading the content of the EE-
PROM after H_RESET (for ~ 1.7 ms). The device will
not drive the Acknowledge bit during that time and the
access by the master will time-out.
SMIU Bus Frequency
The SMIU operating frequency is set by programming
BCR2 register bits. The equation for SMIU bus fre-
quency is FI2C = 2500/(M+1)*2
N+1 kHz, assuming that
a 25 MHz crystal has been used. The maximum value
of M is F (Hex) and N is 7 (Hex). With different combi-
nations of M and N, the SMIU bus frequency can vary
from 0.5 kHz to 1.25 MHz. It should be noted that the
frequencies that can be programmed through BCR2
are not continuous. For example, say FI2C = 10 kHz,
then (M+1)*2N+1 = 250. It is impossible to have such M
and N combinations that make an exact 250. With
M = E (Hex) and N = 3 (Hex), we get FI2C = 10.41,
which will work with a 10 kHz bus frequency. The fol-
lowing is a list of BCR2 contents for various SMIU bus
frequencies.
1
7
1
1
8
1
171
1
SSlave Address
W
A
MReg Address
A
S
Slave Address
R
A
818
1
8
1
1
Byte Count N
AData Byte 1
A
….
Data Byte N
N
P
Master to Am79C975 controller
Am79C975 controller to Master
BCR2 (Hex)
FI2C (kHz)
A643
10
A463
13
A642
20
A422
30
A641
40
A461
50
A202
60
A640
80
A460
100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com