Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C975VCW Datasheet(PDF) 248 Page - Advanced Micro Devices

Part # AM79C975VCW
Description  PCnet??FAST III Single-Chip 10/100 Mbps PCI Ethernet Controller with Integrated PHY
PDF  304 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C975VCW Datasheet(HTML) 248 Page - Advanced Micro Devices

Back Button AM79C975VCW Datasheet HTML 244Page - Advanced Micro Devices AM79C975VCW Datasheet HTML 245Page - Advanced Micro Devices AM79C975VCW Datasheet HTML 246Page - Advanced Micro Devices AM79C975VCW Datasheet HTML 247Page - Advanced Micro Devices AM79C975VCW Datasheet HTML 248Page - Advanced Micro Devices AM79C975VCW Datasheet HTML 249Page - Advanced Micro Devices AM79C975VCW Datasheet HTML 250Page - Advanced Micro Devices AM79C975VCW Datasheet HTML 251Page - Advanced Micro Devices AM79C975VCW Datasheet HTML 252Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 248 / 304 page
background image
248
Am79C973/Am79C975
P R E L I M INARY
Key:
Figure 72. Write Byte Command
Note that the Am79C975 controller does not validate
the register address specified in the Write Byte com-
mand. A Write Byte command to a non-existing regis-
ter, or to register that is read-only, or to one of the
registers that require a Block Read or Write command
may cause unexpected reprogramming of an SMIU
register.
Read Byte Command
The Read Byte command is used to read 1 byte of data
from an SMIU register. This command is more complex
compared to the Write Byte command, since it involves
a change in the direction of the data transfer. The com-
mand starts with the START condition (S). The next 7
bits are the slave address of the Am79C975 controller,
followed by a 0 bit to indicate that the data transfer
starts with a write operation from the master to the
Am79C975 controller (W). The Am79C975 controller
must acknowledge the first byte by driving MDATA LOW
for 1 bit time (A). The next byte specifies the address of
the SMIU register (MReg) that is accessed, followed by
another ACK from the Am79C975 controller. The mas-
ter initiates the turn-around of the transfer direction by
asserting a repeated START condition, followed by the
repeated 7-bit slave address. This time, the Read/Write
bit is set to 1 to indicate that the next byte of data is
dr i ven b y t he Am79C975 c ont r o ller ( R ) . T h e
Am79C975 controller acknowledges the transfer and
then drives the one byte of register data onto the
MDATA line. The acknowledge for the register data is
generated by the master, since he is the receiver of the
data. The master generates a NACK (N) to force the
Am79C975 controller to stop driving the MDATA line
since the data transfer consists of only one byte. The
Read Byte command terminates with the assertion of
the STOP condition (P) by the master.
Key:
Figure 73. Read Byte Command
Note: The Am79C975 controller does not validate the
register address specified in the Read Byte command.
A Read Byte command to a non-existing register, or to
register that is write-only, or to one of the registers that
require a Block Read or Write command will yield un-
defined data.
If the second slave address in the Read Byte Com-
mand is not the one of the Am79C975 controller, the
device will release the MDATA line to generate a NACK.
The master, receiving the NACK, must abort the cycle
by generating a STOP condition.
Block Write Command
The Block Write command is used to write data to the
SMIU Transmit Data memory or to the Receive Pattern
RAM. The command starts with the START condition
(S). The next 7 bits are the slave address of the
Am79C975 controller, followed by a 0 bit to indicate a
write operation (W). The next byte specifies the ad-
dress of the SMIU register (MReg) that is accessed.
The address of the Receive Pattern RAM Data port
(34) or the address of the Transmit Data port (36) is the
only valid values for the MReg address. The third byte
1
7
1
1
81
81
1
S
Slave Address
W
A
MReg Address
A
MReg Data
AP
Master to Am79C975 controller
Am79C975 controller to Master
17
1 1
8
1 17
1 1
8
1
1
S
Slave Address
W A
MReg Address
A S
Slave Address
R A
MReg Data
N
P
Master to Am79C975 controller
Am79C975 controller to Master



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com