Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C975VCW Datasheet(PDF) 245 Page - Advanced Micro Devices

Part # AM79C975VCW
Description  PCnet??FAST III Single-Chip 10/100 Mbps PCI Ethernet Controller with Integrated PHY
PDF  304 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C975VCW Datasheet(HTML) 245 Page - Advanced Micro Devices

Back Button AM79C975VCW Datasheet HTML 241Page - Advanced Micro Devices AM79C975VCW Datasheet HTML 242Page - Advanced Micro Devices AM79C975VCW Datasheet HTML 243Page - Advanced Micro Devices AM79C975VCW Datasheet HTML 244Page - Advanced Micro Devices AM79C975VCW Datasheet HTML 245Page - Advanced Micro Devices AM79C975VCW Datasheet HTML 246Page - Advanced Micro Devices AM79C975VCW Datasheet HTML 247Page - Advanced Micro Devices AM79C975VCW Datasheet HTML 248Page - Advanced Micro Devices AM79C975VCW Datasheet HTML 249Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 245 / 304 page
background image
APPENDIX B
Am79C973/Am79C975
245
Serial Management Interface Unit
(Am79C975 only)
APPENDIX B: Serial Management Interface Unit (Am79C975 only)
Related Documents:
n System Management Bus Specification Revision
1.0, February 15, 1995
n Phillips Semiconductors: The I2C-bus and how to
use it (including specifications), April 1995
Overview
The Am79C973 and Am79C975 devices are fully-
integrated 32-bit PCI bus 10/100 Mbps Ethernet con-
trollers with advanced power and network manage-
ment features. With the Serial Management Interface,
the Am79C975 device offers a very powerful system
management feature in addition to the management
features offered with the Am79C973 device.
The Serial Management Interface Unit (SMIU) is based
on the industry standard Inter-IC (I2C) bus and System
Management Bus (SMBus) specifications. It enables a
system to exchange short message with another net-
work station (e.g., management console) for remote
monitoring and alerting of system management param-
eters and events. The SMIU is capable of communicat-
ing within the system and over the network during
normal operation or in low power mode, even if the
Am79C975 controller is not initialized or setup for
transmit or receive operation by a network driver.
One application for the Serial Management Interface is
a system where a dedicated microcontroller monitors
various hardware components (e.g., fan, memory, chip
set) and parameters (e.g., temperature, voltage) in
order to obtain information about the status of the sys-
tem. If there is any problem or issue with the system,
the microcontroller can send a message via the serial
management interface of the Am79C975 Am79C975
controller to another station on the network, for exam-
ple, to alert the system administrator of the trouble
event.
A less robust (but more cost effective) implementation
in a typical PC system simply uses the host processor
to control operation of the I2C/SMBus interfaces of the
PCI chipset (southbridge) and hardware monitoring de-
vice, and the Serial Management Interface of the
Am79C975 controller.
The independent interface allows access to the net-
work even at times when there is no operating system
and network driver running on the system. The inter-
face, however, also allows access to the network in par-
allel to the normal traffic.
The electrical interface of the SMIU is comprised of 3
pins: clock, data, and interrupt. The host can access a
set of registers via the interface to identify the
Am79C975 controller, to obtain information about the
status of the device, to get the network address of the
local node and the management station of the network,
and to control the transmission and reception of man-
agement frames. The Am79C975 controller provides
internal transmit and receive data memories of 128
bytes each to store the management frames. The re-
ceive path includes a pattern match filter to qualify in-
coming frames.
The SMIU is designed such that the amount of software
running on the microcontroller in order to transmit or re-
ceive management frames is minimized. The SMIU
does not use the PCI clock (CLK). It will operate with
CLK stopped or running.
The electrical interface of the SMIU follows the I2C
specification. The signaling and register access proto-
col of the SMIU is a subset of the System Management
Bus (SMBus) protocol.
Am
79C975 PIN DESIGNATIONS
Listed by Pin Number
160-pin PQFP package
176-pin TQFP package
Pin No
Pin Name
Pin No
Pin Name
96
MIRQ
106
MIRQ
98
MDATA
108
MDATA
100
MCLOCK
110
MCLOCK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com