Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C975VCW Datasheet(PDF) 244 Page - Advanced Micro Devices

Part # AM79C975VCW
Description  PCnet??FAST III Single-Chip 10/100 Mbps PCI Ethernet Controller with Integrated PHY
PDF  304 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C975VCW Datasheet(HTML) 244 Page - Advanced Micro Devices

Back Button AM79C975VCW Datasheet HTML 240Page - Advanced Micro Devices AM79C975VCW Datasheet HTML 241Page - Advanced Micro Devices AM79C975VCW Datasheet HTML 242Page - Advanced Micro Devices AM79C975VCW Datasheet HTML 243Page - Advanced Micro Devices AM79C975VCW Datasheet HTML 244Page - Advanced Micro Devices AM79C975VCW Datasheet HTML 245Page - Advanced Micro Devices AM79C975VCW Datasheet HTML 246Page - Advanced Micro Devices AM79C975VCW Datasheet HTML 247Page - Advanced Micro Devices AM79C975VCW Datasheet HTML 248Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 244 / 304 page
background image
APPENDIX A
Am79C973/Am79C975
244
PCnet™-FAST III
Recommended Magnetics
APPENDIX A: PCnet™-FAST III Recommended Magnetics
The PCnet-FAST III controller uses magnetics that
have a Transmit (TX) turns ratio of 1:1.414 and a Re-
ceive (RX) turns ratio of 1:1. The following table shows
the current approved vendor list of 3.3 V magnetics rec-
ommended for use with the PCnet-FAST III device.
These magnetics modules are pin compatible with the
AMD Am79C873 NetPHY-1 10/100 PHY magnetics
and LevelOne LXT970 10/100 PHY magnetics that are
used today with PCnet-FAST and PCnet-FAST+, but
are not the same part numbers since the turns ratios
are different.
Table 67. Recommended Magnetics Vendors
Vendor
Part Number
Package
Halo
TG22-SI43ND
16-pin module
Halo
TG22-SI41N2
16-pin module
Halo
TG110-SI41N2
16-pin module
Bel Fuse
S558-5999-G9
16-pin module
Bel Fuse
S558-5999-G8
16-pin module
Pulse Engineering
H1081
16-pin module
Pulse Engineering
H1119
16-pin module
Bothhand
16ST61A8
16-pin module
PCA Electronics
EPF8095G
16-pin module
PCA Electronics
EPF8096G
16-pin module
Transpower Technologies
RJ622-CL1
RJ45/Magnetics Combo
XFMRS
XF973-COMBO1-4
RJ45/Magnetics Combo



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com