Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C975VCW Datasheet(PDF) 255 Page - Advanced Micro Devices

Part # AM79C975VCW
Description  PCnet??FAST III Single-Chip 10/100 Mbps PCI Ethernet Controller with Integrated PHY
PDF  304 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C975VCW Datasheet(HTML) 255 Page - Advanced Micro Devices

Back Button AM79C975VCW Datasheet HTML 251Page - Advanced Micro Devices AM79C975VCW Datasheet HTML 252Page - Advanced Micro Devices AM79C975VCW Datasheet HTML 253Page - Advanced Micro Devices AM79C975VCW Datasheet HTML 254Page - Advanced Micro Devices AM79C975VCW Datasheet HTML 255Page - Advanced Micro Devices AM79C975VCW Datasheet HTML 256Page - Advanced Micro Devices AM79C975VCW Datasheet HTML 257Page - Advanced Micro Devices AM79C975VCW Datasheet HTML 258Page - Advanced Micro Devices AM79C975VCW Datasheet HTML 259Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 255 / 304 page
background image
Am79C973/Am79C975
255
P R E L I M INARY
Default: 22h Read only, write has no effect.
These are the lower 8-bits of a register that
identifies AMD as the manufacturer of the
Am79C975 device.
SMIU Vendor ID Register 1 (MReg Address 1)
This register is a shadow register of the PCI Vendor ID
Register bits 15:8. The PCI Vendor ID Register is
loaded from the EEPROM.
Bit No.
Name and Description
7:0
MVENDOR_ID[15:8]
Default: 10h Read only, write has no effect.
These are the upper 8-bits of a register that
identifies AMD as the manufacturer of the
Am79C975 device.
SMIU Device ID Register 0 (MReg Address 2)
This register is a shadow register of the PCI Device ID
Register bits 7:0.
Bit No.
Name and Description
7:0
MDEVICE_ID[7:0]
Default: 00h Read only, write has no effect.
These are the lower 8-bits of a register that
identifies the Am79C975 device within AMD’s
product line.
SMIU Device ID Register 1 (MReg Address 3)
This register is a shadow register of the PCI Device ID
Register bits 15:8.
Bit No.
Name and Description
7:0
MDEVICE_ID[15:8]
Default: 20h Read only, write has no effect
These are the upper 8-bits of a register that
identifies the Am79C975 device within AMD’s
product line.
SMIU Revision ID Register (MReg Address 4)
This register is a shadow register of the PCI Revision
ID Register.
Bit No.
Name and Description
7:0
MREVISION_ID
Default: 40h Read only, write has no effect
This 8-bit register specifies the Am79C975
controller revision number. The upper 4 bits of
the register value are fixed to 4h, the lower four
bits are silicon-revision dependent. The initial
revision value will be 40h.
SMIU Subsystem Vendor ID Register 0 (MReg
Address 5)
This register is a shadow register of the PCI Subsystem
Vendor ID Register bits 7:0. The PCI Subsystem Ven-
dor ID Register is loaded from the EEPROM.
Bit No.
Name and Description
7:0
MSUBVEN_ID[7:0]Default:
00hRead
only,
write has no effect
These are the lower 8-bits of a register that to-
gether with the Subsystem ID uniquely identi-
fies
the
add-in
card
or
subsystem
the
Am79C975 device is used in.
SMIU Subsystem Vendor ID Register 1 (MReg
Address 6)
This register is a shadow register of the PCI Subsystem
Vendor ID Register bits 15:8. The PCI Subsystem Ven-
dor ID Register is loaded from the EEPROM.
Bit No.
Name and Description
7:0
MSUBVEN_ID[15:8]
Default: 00h Read only, write has no effect
These are the upper 8-bits of a register that to-
gether with the Subsystem ID uniquely identi-
fies
the
add-in
card
or
subsystem
the
Am79C975 device is used in.
SMIU Subsystem ID Register 0 (MReg Address 7)
This register is a shadow register of the PCI Subsystem
ID Register bits 7:0. The PCI Subsystem ID Register is
loaded from the EEPROM.
Bit No.
Name and Description
7:0
MSUBSYS_ID[7:0]Default:
00hRead
only,
write has no effect
These are the lower 8-bits of a register that to-
gether with the Subsystem Vendor ID uniquely
identifies the add-in card or subsystem the
Am79C975 device is used in.
SMIU Subsystem ID Register 1 (MReg Address 8)
This register is a shadow register of the PCI Subsystem
Vendor ID Register bits 15:8. The PCI Subsystem ID
Register is loaded from the EEPROM.
Bit No.
Name and Description
7:0
MSUBSYS_ID[15:8]
Default: 00h Read only, write has no effect.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com