Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C975VCW Datasheet(PDF) 256 Page - Advanced Micro Devices

Part # AM79C975VCW
Description  PCnet??FAST III Single-Chip 10/100 Mbps PCI Ethernet Controller with Integrated PHY
PDF  304 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C975VCW Datasheet(HTML) 256 Page - Advanced Micro Devices

Back Button AM79C975VCW Datasheet HTML 252Page - Advanced Micro Devices AM79C975VCW Datasheet HTML 253Page - Advanced Micro Devices AM79C975VCW Datasheet HTML 254Page - Advanced Micro Devices AM79C975VCW Datasheet HTML 255Page - Advanced Micro Devices AM79C975VCW Datasheet HTML 256Page - Advanced Micro Devices AM79C975VCW Datasheet HTML 257Page - Advanced Micro Devices AM79C975VCW Datasheet HTML 258Page - Advanced Micro Devices AM79C975VCW Datasheet HTML 259Page - Advanced Micro Devices AM79C975VCW Datasheet HTML 260Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 256 / 304 page
background image
256
Am79C973/Am79C975
P R E L I M INARY
These are the upper 8-bits of a register that to-
gether with the Subsystem Vendor ID uniquely
identifies the add-in card or subsystem the
Am79C975 device is used in.
Node ID Registers
The following registers provide the IEEE and IP ad-
dresses of the node using the Am79C975 devices, as
well as of the management station.
Node IEEE Address 0 (MReg Address 9)
This register is a shadow register of the APROM loca-
tion 00h. APROM location 00h is loaded from the EE-
PROM.
Bit No.
Name and Description
7:0
N_IEEE_ADR[7:0]
Default: 00h Read only, write has no effect.
Byte 0 (the LSB) of the Node IEEE Address
register. The Node IEEE Address is the unique
48-bit address of the station, the Am79C975
controller is used in.
Node IEEE Address 1 (MReg Address 10)
This register is a shadow register of the APROM loca-
tion 01h. APROM location 01h is loaded from the EE-
PROM.
Bit No.
Name and Description
7:0
N_IEEE_ADR[15:8]
Default: 00h Read only, write has no effect.
Byte 1 of the Node IEEE Address register. The
Node IEEE Address is the unique 48-bit ad-
dress of the station, the Am79C975 controller
is used in.
Node IEEE Address 2 (MReg Address 11)
This register is a shadow register of the APROM loca-
tion 02h. APROM location 02h is loaded from the EE-
PROM.
Bit No.
Name and Description
7:0
N_IEEE_ADR[23:16]
Default: 00h Read only, write has no effect.
Byte 2 of the Node IEEE Address register. The
Node IEEE Address is the unique 48-bit ad-
dress of the station, the Am79C975 controller
is used in.
Node IEEE Address 3 (MReg Address 12)
This register is a shadow register of the APROM loca-
tion 03h. APROM location 03h is loaded from the EE-
PROM.
Bit No.
Name and Description
7:0
N_IEEE_ADR[31:24]
Default: 00h Read only, write has no effect.
Byte 3 of the Node IEEE Address register. The
Node IEEE Address is the unique 48-bit ad-
dress of the station, the Am79C975 controller
is used in.
Node IEEE Address 4 (MReg Address 13)
This register is a shadow register of the APROM loca-
tion 04h. APROM location 04h is loaded from the EE-
PROM.
Bit No.
Name and Description
7:0
N_IEEE_ADR[39:32]
Default: 00h Read only, write has no effect.
Byte 4 of the Node IEEE Address register. The
Node IEEE Address is the unique 48-bit ad-
dress of the station, the Am79C975 controller
is used in.
Node IEEE Address 5 (MReg Address 14)
This register is a shadow register of the APROM loca-
tion 05h. APROM location 05h is loaded from the EE-
PROM.
Bit No.
Name and Description
7:0
N_IEEE_ADR[47:40]
Default: 00h Read only, write has no effect.
Byte 5 (the MSB) of the Node IEEE Address
register. The Node IEEE Address is the unique
48-bit address of the station, the Am79C975
controller is used in.
Node IP Address 0 (MReg Address 15)
This register is loaded from the EEPROM.
Bit No.
Name and Description
7:0
N_IP_ADR[7:0]Default: 00hRead only, write
has no effect.
Byte 0 (the LSB) of the Node IP Address regis-
ter. The Node IP Address is the 32-bit address
used in the IP protocol header to address the
station, the Am79C975 controller is used in.
This register can also be used as general pur-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com