Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C975VCW Datasheet(PDF) 264 Page - Advanced Micro Devices

Part # AM79C975VCW
Description  PCnet??FAST III Single-Chip 10/100 Mbps PCI Ethernet Controller with Integrated PHY
PDF  304 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C975VCW Datasheet(HTML) 264 Page - Advanced Micro Devices

Back Button AM79C975VCW Datasheet HTML 260Page - Advanced Micro Devices AM79C975VCW Datasheet HTML 261Page - Advanced Micro Devices AM79C975VCW Datasheet HTML 262Page - Advanced Micro Devices AM79C975VCW Datasheet HTML 263Page - Advanced Micro Devices AM79C975VCW Datasheet HTML 264Page - Advanced Micro Devices AM79C975VCW Datasheet HTML 265Page - Advanced Micro Devices AM79C975VCW Datasheet HTML 266Page - Advanced Micro Devices AM79C975VCW Datasheet HTML 267Page - Advanced Micro Devices AM79C975VCW Datasheet HTML 268Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 264 / 304 page
background image
264
Am79C973/Am79C975
P R E L I M INARY
Register Summary
Note: RO = Ready Only, RC = Read/Auto-Clear, RW = Read/Write, W = Write, WO = Write Only
Am79C975 EEPROM Map
The Am79C975 PCnet-FAST III controller uses an ex-
tended EEPROM map compared to the Am79C973 de-
vice (locations reserved in Am79C973 EEPROM map),
since there are some new registers in the SMIU that
are loaded from the EEPROM.
MReg
Address
Register Name
Access
Mode
Access Command
Default
Value
0
Vendor ID 0
RO
Read Byte
22h
1
Vendor ID 1
RO
Read Byte
10h
2
Device ID 0
RO
Read Byte
00h
3
Device ID 1
RO
Read Byte
20h
4
Revision ID
RO
Read Byte
40h
5
Subsystem Vendor ID 0
RO
Read Byte
00h
6
Subsystem Vendor ID 1
RO
Read Byte
00h
7
Subsystem ID 0
RO
Read Byte
00h
8
Subsystem ID 1
RO
Read Byte
00
9
Node IEEE Address 0
RO
Read Byte
00h
10
Node IEEE Address 1
RO
Read Byte
00h
11
Node IEEE Address 2
RO
Read Byte
00h
12
Node IEEE Address 3
RO
Read Byte
00h
13
Node IEEE Address 4
RO
Read Byte
00h
14
Node IEEE Address 5
RO
Read Byte
00h
15
Node IP Address 0
RO
Read Byte
00h
16
Node IP Address 1
RO
Read Byte
00h
17
Node IP Address 2
RO
Read Byte
00h
18
Node IP Address 3
RO
Read Byte
00h
19
Management Station IEEE Address 0
RO
Read Byte
00h
20
Management Station IEEE Address 1
RO
Read Byte
00h
21
Management Station IEEE Address 2
RO
Read Byte
00h
22
Management Station IEEE Address 3
RO
Read Byte
00h
23
Management Station IEEE Address 4
RO
Read Byte
00h
24
Management Station IEEE Address 5
RO
Read Byte
00h
25
Management Station IP Address 0
RO
Read Byte
00h
26
Management Station IP Address 1
RO
Read Byte
00h
27
Management Station IP Address 2
RO
Read Byte
00h
28
Management Station IP Address 3
RO
Read Byte
00h
29
Am79C975 Status
RO
Read Byte
02h
30
Transceiver Status
RO
Read Byte
00h
32
Command
RW
Read/Write Byte
00h
32
Interrupt
RC
Read Byte
00h
33
Receive Pattern RAM Address
RC,W
Read/Write Byte
00h
34
Receive Pattern RAM Data
RW
Block Write
undefined
35
Transmit Address
RW
Read/Write Byte
00h
36
Transmit Data
WO
Block Write
undefined
37
Transmit Message Length
RW
Read/Write Byte
00h
38
Transmit Status
RW
Read/Write Byte
00h
39
Receive Address
RW
Read/Write Byte
00h
40
Receive Data
RO
Block Read
undefined
41
Receive Message Length
RO
Read Byte
undefined
42
Receive Status
RW
Read/Write Byte
00h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com