Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C975VCW Datasheet(PDF) 266 Page - Advanced Micro Devices

Part # AM79C975VCW
Description  PCnet??FAST III Single-Chip 10/100 Mbps PCI Ethernet Controller with Integrated PHY
PDF  304 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C975VCW Datasheet(HTML) 266 Page - Advanced Micro Devices

Back Button AM79C975VCW Datasheet HTML 262Page - Advanced Micro Devices AM79C975VCW Datasheet HTML 263Page - Advanced Micro Devices AM79C975VCW Datasheet HTML 264Page - Advanced Micro Devices AM79C975VCW Datasheet HTML 265Page - Advanced Micro Devices AM79C975VCW Datasheet HTML 266Page - Advanced Micro Devices AM79C975VCW Datasheet HTML 267Page - Advanced Micro Devices AM79C975VCW Datasheet HTML 268Page - Advanced Micro Devices AM79C975VCW Datasheet HTML 269Page - Advanced Micro Devices AM79C975VCW Datasheet HTML 270Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 266 / 304 page
background image
266
Am79C973/Am79C975
P R E L I M INARY
Absolute Maximum Ratings
Storage Temperature . . . . . . . . . . . . –65
°C to +150°C
Ambient Temperature. . . . . . . . . . . . . -65
°C to +70°C
Supply voltage with respect to VSSB, VSS, DVSSD,
DVSSP, and DVSSX . . . . . . . . . . . . . . –0.3 V to 3.63 V
Stresses above those listed under Absolute Maximum Ratings
may cause permanent device failure. Functionality at or above
these limits is not implied. Exposure to Absolute Maximum
Ratings for extended periods may affect device reliability.
Operating Ranges
Commercial (C) Devices
Temperature (TA) . . . . . . . . . . . . . . . . . .0
°C to +70°C
Supply Voltages (VDD, VDDB, VDD_PCI, DVDDD, DVDDA,
DVDDP, DVDDTX, DVDDRX, and DVDDCO). . . . . +3.3 V ±10%
All inputs within the range: . . . . . . VSS - 0.5 V to 5.5 V
Operating ranges define those limits between which
the functionality of the device is guaranteed.
DC Characteristics
Switching Characteristics
Parameter
Symbol
Parameter Description
Test Conditions
Min
Max
Units
SMIU Input Voltage
VIL
Input LOW Voltage
0.6
V
VIH
Input HIGH Voltage
1.4
V
SMIU Output Voltage
VOL
Output LOW Voltage
IOL = 6 mA
0.4
V
SMIU Input Leakage Current
IIX
Input Leakage
VIN = 0 V; VDD = 3.3 V
-10
10
µA
Parameter
Symbol
Parameter Name
Test Condition
Min
Max
Unit
Clock Timing (Serial Management Interface)
FMCLOCK
MCLOCK Frequency
10
100
KHz
tHIGH
MCLOCK High Time
@VIHmin
4.0
50
µs
tLOW
MCLOCK Low Time
@VILmax
4.7
--
µs
tFALL
MCLOCK Fall Time
From VIHmin to VILmax
--
300
ns
tRISE
MCLOCK Rise Time
From VILmax to VIHmin
--
1000
ns
Data Timing (Serial Management Interface)
tSU
MDATA Setup Time
@VILmax
250
--
ns
tHD
MDATA Hold Time
@VILmax
300
--
ns
tFALL
MDATA Fall Time
From VIHmin to VILmax
300
ns
tRISE
MDATA Rise Time
From VILmax to VIHmin
1000
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com