Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C975VCW Datasheet(PDF) 270 Page - Advanced Micro Devices

Part # AM79C975VCW
Description  PCnet??FAST III Single-Chip 10/100 Mbps PCI Ethernet Controller with Integrated PHY
PDF  304 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C975VCW Datasheet(HTML) 270 Page - Advanced Micro Devices

Back Button AM79C975VCW Datasheet HTML 266Page - Advanced Micro Devices AM79C975VCW Datasheet HTML 267Page - Advanced Micro Devices AM79C975VCW Datasheet HTML 268Page - Advanced Micro Devices AM79C975VCW Datasheet HTML 269Page - Advanced Micro Devices AM79C975VCW Datasheet HTML 270Page - Advanced Micro Devices AM79C975VCW Datasheet HTML 271Page - Advanced Micro Devices AM79C975VCW Datasheet HTML 272Page - Advanced Micro Devices AM79C975VCW Datasheet HTML 273Page - Advanced Micro Devices AM79C975VCW Datasheet HTML 274Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 270 / 304 page
background image
270
Am79C973/Am79C975
P R E L I M INARY
Figure 78. Frame Format at the MII Interface Connection
This is followed by a start field (ST) and an operation
field (OP). The operation field (OP) indicates whether
the Am79C973/Am79C975 controller is initiating a read
or write operation. This is followed by the external PHY
address (PHYADD) and the register address (REGAD)
programmed in BCR33. The PHY address of 1Fh is re-
served and should not be used. The external PHY may
have a larger address space starting at 10h - 1Fh. This
is the address range set aside by the IEEE as vendor
usable address space and will vary from vendor to ven-
dor. This field is followed by a bus turnaround field. Dur-
ing a read operation, the bus turnaround field is used to
determine if the external PHY is responding correctly to
the read request or not. The Am79C973/Am79C975
controller will tri-state the MDIO for both MDC cycles.
During the second cycle, if the external PHY is syn-
chronized to the Am79C973/Am79C975 controller, the
external PHY will drive a 0. If the external PHY does not
drive a 0, the Am79C973/Am79C975 controller will sig-
nal a MREINT (CSR7, bit 9) interrupt, if MREINTE
(CSR7, bit 8) is set to a 1, indicating the Am79C973/
Am79C975 controller had an MII management frame
read error and that the data in BCR34 is not valid. The
data field to/from the external PHY is read or written
into the BCR34 register. The last field is an IDLE field
that is necessary to give ample time for drivers to turn
off before the next access. The Am79C973/Am79C975
controller will drive the MDC to 0 and tri-state the MDIO
anytime the MII Management Port is not active.
To help to speed up the reading and of writing the MII
management frames to the external PHY, the MDC can
be sped up to 10 MHz by setting the FMDC bits in
BCR32. The IEEE 802.3 specification requires use of
the 2.5-MHz clock rate, but 5 MHz and 10 MHz are
available for the user. The intended applications are
that the 10-MHz clock rate can be used for a single ex-
ternal PHY on an adapter card or motherboard. The 5-
MHz clock rate can be used for an exposed MII with
one external PHY attached. The 2.5-MHz clock rate is
intended to be used when multiple external PHYs are
connected to the MII Management Port or if compli-
ance to the IEEE 802.3u standard is required.
Auto-Poll External PHY Status Polling
As defined in the IEEE 802.3 standard, the external
PHY attached to the Am79C973/Am79C975 control-
ler’s MII has no way of communicating important timely
status information back to Am79C973/Am79C975 con-
troller. The Am79C973/Am79C975 controller has no
way of knowing that an external PHY has undergone a
change in status without polling the MII status register.
To prevent problems from occurring with inadequate
host or software polling, the Am79C973/Am79C975
controller will Auto-Poll when APEP (BCR32, bit 11) is
set to 1 to insure that the most current information is
available. See MII Management Registers section for
the bit descriptions of the MII Status Register. The con-
tents of the latest read from the external PHY will be
stored in a shadow register in the Auto-Poll block. The
first read of the MII Status Register will just be stored,
but subsequent reads will be compared to the contents
already stored in the shadow register. If there has been
a change in the contents of the MII Status Register, a
MAPINT (CSR7, bit 5) interrupt will be generated on
INTA if the MAPINTE (CSR7, bit 4) is set to 1. The
Auto-Poll features can be disabled if software driver
polling is required.
The Auto-Poll’s frequency of generating MII manage-
ment frames can be adjusted by setting of the APDW
bits (BCR32, bits 10-8). The delay can be adjusted
from 0 MDC periods to 2048 MDC periods. Auto-Poll by
default will only read the MII Status register in the ex-
ternal PHY.
Network Port Manager
The Am79C973/Am79C975 controller is unique in that
is does not require software intervention to control and
configure an external PHY attached to the MII. This
was done to ensure backwards compatibility with exist-
ing software drivers. To the current software drivers, the
Am79C973/Am79C975 controller will look and act like
the PCnet-PCI II and will interoperate with existing
PCnet drivers from revision 2.5 upward. The heart of
this system is the Network Port Manager.
If the external PHY is present and is active, the Net-
work Port Manager will request status from the external
Preamble
1111....1111
OP
10 Rd
01 Wr
PHY
Address
Register
Address
TA
Z0 Rd
10 Wr
Data
2
Bits
5
Bits
5
Bits
2
Bits
32
Bits
ST
01
2
Bits
16
Bits
1
Bit
Idle
Z
21510C-78



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com