Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C975VCW Datasheet(PDF) 274 Page - Advanced Micro Devices

Part # AM79C975VCW
Description  PCnet??FAST III Single-Chip 10/100 Mbps PCI Ethernet Controller with Integrated PHY
PDF  304 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C975VCW Datasheet(HTML) 274 Page - Advanced Micro Devices

Back Button AM79C975VCW Datasheet HTML 270Page - Advanced Micro Devices AM79C975VCW Datasheet HTML 271Page - Advanced Micro Devices AM79C975VCW Datasheet HTML 272Page - Advanced Micro Devices AM79C975VCW Datasheet HTML 273Page - Advanced Micro Devices AM79C975VCW Datasheet HTML 274Page - Advanced Micro Devices AM79C975VCW Datasheet HTML 275Page - Advanced Micro Devices AM79C975VCW Datasheet HTML 276Page - Advanced Micro Devices AM79C975VCW Datasheet HTML 277Page - Advanced Micro Devices AM79C975VCW Datasheet HTML 278Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 274 / 304 page
background image
274
Am79C973/Am79C975
P R E L I M INARY
MII management registers
As specified in the IEEE standard, the basic register
set consists of the Control Register (Register 0) and
the Status Register (Register 1). The extended register
set consists of Registers 2 to 31 (decimal). All PHYs
that provide an MII shall incorporate the basic register
set. Both sets of registers are accessible through the
MII Management Interface.
Table C-70 lists the most interesting registers.
Control Register (Register 0)
Table C-71 shows the MII Management Control Regis-
ter (Register 0).
Table 70. MII Management Register Set
Table 71. MII Management Control Register (Register 0)
Note:
1. R/W = Read/Write, SC = Self Clearing, RO = Read only.
Register
Address
Register Name
Basic/
Extended
0MII Control
B
1
MII Status
B
2-3
PHY Identifier
E
4
Auto-Negotiation
Advertisement
E
5
Auto-Negotiation Link
Partner Ability
E
Bits
Name
Description
Read/Write
(Note 1)
15
Soft Reset
When write:
1 = PHY software reset
0 = normal operation.
When read:
1 = reset in process
0 = reset done.
R/W, SC
14
Loopback
1 = enables Loopback mode
0 = disables Loopback mode
R/W
13
Speed Selection
1 = 100 Mbps
0 = 10 Mbps
R/W
12
Auto-Negotiation Enable
1 = enable Auto-Negotiation
0 = disable Auto-Negotiation
R/W
11
Power Down
1 = power down, 0 = normal operation
R/W
10
Isolate
1 = electrically isolate PHY from MII
0 = normal operation
R/W
9
Restart Auto-Negotiation
1 = restart Auto-Negotiation
0 = normal operation
R/W, SC
8
Duplex Mode
1 = full duplex
0 = half duplex
R/W
7
Collision Test
1 = enable COL signal test
0 = disable COL signal test
R/W
6-0
Reserved
Write as 0, ignore on read
RO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com