Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C975VCW Datasheet(PDF) 167 Page - Advanced Micro Devices

Part # AM79C975VCW
Description  PCnet??FAST III Single-Chip 10/100 Mbps PCI Ethernet Controller with Integrated PHY
PDF  304 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C975VCW Datasheet(HTML) 167 Page - Advanced Micro Devices

Back Button AM79C975VCW Datasheet HTML 163Page - Advanced Micro Devices AM79C975VCW Datasheet HTML 164Page - Advanced Micro Devices AM79C975VCW Datasheet HTML 165Page - Advanced Micro Devices AM79C975VCW Datasheet HTML 166Page - Advanced Micro Devices AM79C975VCW Datasheet HTML 167Page - Advanced Micro Devices AM79C975VCW Datasheet HTML 168Page - Advanced Micro Devices AM79C975VCW Datasheet HTML 169Page - Advanced Micro Devices AM79C975VCW Datasheet HTML 170Page - Advanced Micro Devices AM79C975VCW Datasheet HTML 171Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 167 / 304 page
background image
Am79C973/Am79C975
167
P R E L I M INARY
11-10 RES
Reserved locations. Written and
read as zeros.
9
MPSE
Magic Packet Status Enable.
When this bit is set to 1, a value of
1 is passed to the LEDOUT bit in
this register when Magic Packet
mode is enabled and a Magic
Packet frame is detected on the
network.
Read/Write accessible always.
MPSE is cleared by H_RESET
and is not affected by S_RESET
or setting the STOP bit.
8
FDLSE
Full-Duplex Link Status Enable.
Indicates the Full-Duplex Link
Test Status. When this bit is set,
a value of 1 is passed to the LED-
OUT signal when the Am79C973/
Am79C975 controller is function-
ing in a Link Pass state and full-
duplex
operation
is
enabled.
When
the
Am79C973/
Am79C975 controller is not func-
tioning in a Link Pass state with
full-duplex operation being en-
abled, a value of 0 is passed to
the LEDOUT signal.
Read/Write accessible always.
FDLSE is cleared by H_RESET
and is not affected by S_RESET
or setting the STOP bit.
7
PSE
Pulse Stretcher Enable. When
this bit is set, the LED illumination
time is extended for each new oc-
currence of the enabled function
for this LED output. A value of 0
disables the pulse stretcher.
Read/Write accessible always.
PSE is set to 1 by H_RESET and
is not affected by S_RESET or
setting the STOP bit.
6
LNKSE
Link Status Enable. When this bit
is set, a value of 1 will be passed
to the LEDOUT bit in this register
in Link Pass state.
Read/Write accessible always.
LNKSE is cleared by H_RESET
and is not affected by S_RESET
or setting the STOP bit.
5
RCVME
Receive Match Status Enable.
When this bit is set, a value of 1 is
passed to the LEDOUT bit in this
register when there is receive ac-
tivity on the network that has
passed the address match func-
tion for this node. All address
matching modes are included:
physical, logical filtering, broad-
cast, and promiscuous.
Read/Write accessible always.
RCVME is cleared by H_RESET
and is not affected by S_RESET
or setting the STOP bit.
4
XMTE
Transmit Status Enable. When
this bit is set, a value of 1 is
passed to the LEDOUT bit in this
register when there is transmit
activity on the network.
Read/Write accessible always.
XMTE is cleared by H_RESET
and is not affected by S_RESET
or setting the STOP bit.
3
RES
Reserved location. Written and
read as zeros.
2
RCVE
Receive Status Enable. When
this bit is set, a value of 1 is
passed to the LEDOUT bit in this
register when there is receive ac-
tivity on the network.
Read/Write accessible always.
RCVE is set to 1 by H_RESET
and is not affected by S_RESET
or setting the STOP bit.
1
RES
Reserved location. Written and
read as zeros.
0
COLE
Collision Status Enable. When
this bit is set, a value of 1 is
passed to the LEDOUT bit in this
register when there is collision
activity on the network.
Read/Write accessible always.
COLE is cleared by H_RESET
and is not affected by S_RESET
or setting the STOP bit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com