Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C975VCW Datasheet(PDF) 171 Page - Advanced Micro Devices

Part # AM79C975VCW
Description  PCnet??FAST III Single-Chip 10/100 Mbps PCI Ethernet Controller with Integrated PHY
PDF  304 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C975VCW Datasheet(HTML) 171 Page - Advanced Micro Devices

Back Button AM79C975VCW Datasheet HTML 167Page - Advanced Micro Devices AM79C975VCW Datasheet HTML 168Page - Advanced Micro Devices AM79C975VCW Datasheet HTML 169Page - Advanced Micro Devices AM79C975VCW Datasheet HTML 170Page - Advanced Micro Devices AM79C975VCW Datasheet HTML 171Page - Advanced Micro Devices AM79C975VCW Datasheet HTML 172Page - Advanced Micro Devices AM79C975VCW Datasheet HTML 173Page - Advanced Micro Devices AM79C975VCW Datasheet HTML 174Page - Advanced Micro Devices AM79C975VCW Datasheet HTML 175Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 171 / 304 page
background image
Am79C973/Am79C975
171
P R E L I M INARY
6
LNKSE
Link Status Enable. When this bit
is set, a value of 1 will be passed
to the LEDOUT bit in this register
in Link Pass state.
Read/Write accessible always.
LNKSE is cleared by H_RESET
and is not affected by S_RESET
or setting the STOP bit.
5
RCVME
Receive Match Status Enable.
When this bit is set, a value of 1 is
passed to the LEDOUT bit in this
register when there is receive ac-
tivity on the network that has
passed the address match func-
tion for this node. All address
matching modes are included:
physical, logical filtering, broad-
cast, and promiscuous.
Read/Write accessible always.
RCVME is cleared by H_RESET
and is not affected by S_RESET
or setting the STOP bit.
4
XMTE
Transmit Status Enable. When
this bit is set, a value of 1 is
passed to the LEDOUT bit in this
register when there is transmit
activity on the network.
Read/Write accessible always.
XMTE is set to 1 by H_RESET
and is not affected by S_RESET
or setting the STOP bit.
3
RES
Reserved location. Written and
read as zeros.
2
RCVE
Receive Status Enable. When
this bit is set, a value of 1 is
passed to the LEDOUT bit in this
register when there is receive ac-
tivity on the network.
Read/Write accessible always.
RCVE is cleared by H_RESET
and is not affected by S_RESET
or setting the STOP bit.
1
RES
Reserved location. Written and
read as zeros.
0
COLE
Collision Status Enable. When
this bit is set, a value of 1 is
passed to the LEDOUT bit in this
register when there is collision
activity on the network.
Read/Write accessible always.
COLE is cleared by H_RESET
and is not affected by S_RESET
or setting the STOP bit.
BCR9: Full-Duplex Control
Note: Bits 15-0 in this register are programmable
through the EEPROM.
Bit
Name
Description
31-16 RES
Reserved locations. Written as
zeros and read as undefined.
15-3
RES
Reserved locations. Written as
zeros and read as undefined.
2
FDRPAD
Full-Duplex Runt Packet Accept
Disable. When FDRPAD is set to
1 and full-duplex mode is en-
abled,
the
Am79C973/
Am79C975 controller will only re-
ceive frames that meet the mini-
mum Ethernet frame length of 64
bytes. Receive DMA will not start
until at least 64 bytes or a com-
plete frame have been received.
By default, FDRPAD is cleared to
0.
The
Am79C973/Am79C975
controller will accept any length
frame and receive DMA will start
according to the programming of
the
receive
FIFO
watermark.
Note that there should not be any
runt packets in a full-duplex net-
work, since the main cause for
runt packets is a network collision
and there are no collisions in a
full-duplex
network.
This
bit
needs to be set if in full-duplex
mode and external address rejec-
tion (EAR (BCR9, bit 2)) function-
ality is desired.
Read/Write accessible always.
FDRPAD is cleared by H_RESET
and is not affected by S_RESET
or by setting the STOP bit.
1
RES
Reserved locations. Written as
zeros and read as undefined.
0
FDEN
Full-Duplex Enable. FDEN con-
trols whether full-duplex opera-
tion is enabled. When FDEN is
cleared and the Auto-Negotiation
is disabled, full-duplex operation
is
not
enabled
and
the
Am79C973/Am79C975 controller



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com