Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C975VCW Datasheet(PDF) 172 Page - Advanced Micro Devices

Part # AM79C975VCW
Description  PCnet??FAST III Single-Chip 10/100 Mbps PCI Ethernet Controller with Integrated PHY
PDF  304 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C975VCW Datasheet(HTML) 172 Page - Advanced Micro Devices

Back Button AM79C975VCW Datasheet HTML 168Page - Advanced Micro Devices AM79C975VCW Datasheet HTML 169Page - Advanced Micro Devices AM79C975VCW Datasheet HTML 170Page - Advanced Micro Devices AM79C975VCW Datasheet HTML 171Page - Advanced Micro Devices AM79C975VCW Datasheet HTML 172Page - Advanced Micro Devices AM79C975VCW Datasheet HTML 173Page - Advanced Micro Devices AM79C975VCW Datasheet HTML 174Page - Advanced Micro Devices AM79C975VCW Datasheet HTML 175Page - Advanced Micro Devices AM79C975VCW Datasheet HTML 176Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 172 / 304 page
background image
172
Am79C973/Am79C975
P R E L I M INARY
will always operate in the half-du-
plex mode. When FDEN is set,
the Am79C973/Am79C975 con-
troller will operate in full-duplex
mode. Do not set this bit when
Auto-Negotiation is enabled.
Read/Write accessible always.
FDEN is reset to 0 by H_RESET,
and is unaffected by S_RESET
and the STOP bit.
BCR16: I/O Base Address Lower
Bit
Name
Description
31-16 RES
Reserved locations. Written as
zeros and read as undefined.
15-5
IOBASEL
Reserved
locations.
After
H_RESET, the value of these bits
will be undefined. The settings of
these bits will have no effect on
any Am79C973/Am79C975 con-
troller function. It is only included
for software compatibility with
other PCnet family devices.
Read/Write accessible always.
IOBASEL is not affected by
S_RESET or STOP.
4-0
RES
Reserved locations. Written as
zeros, read as undefined.
BCR17: I/O Base Address Upper
Bit
Name
Description
31-16 RES
Reserved locations. Written as
zeros and read as undefined.
15-0
IOBASEU
Reserved
locations.
After
H_RESET, the value in this regis-
ter will be undefined. The settings
of this register will have no effect
on any Am79C973/Am79C975
controller function. It is only in-
cluded for software compatibility
with other PCnet family devices.
Read/Write accessible always.
IOBASEU is not affected by
S_RESET or STOP.
BCR18: Burst and Bus Control Register
Note: Bits 15-0 in this register are programmable
through the EEPROM.
Bit
Name
Description
31-16 RES
Reserved locations. Written as
zeros and read as undefined.
15-12 ROMTMG
Expansion ROM Timing. The val-
ue of ROMTMG is used to tune
the
timing
for
all
EBDATA
(BCR30)
accesses
to
Flash/
EPROM as well as all Expansion
ROM accesses to Flash/EPROM.
ROMTMG, during read opera-
tions, defines the time from when
the Am79C973/Am79C975 con-
troller drives the lower 8 or 16 bits
of the Expansion Bus Address
bus to when the Am79C973/
Am79C975 controller latches in
the data on the 8 or 16 bits of the
Expansion
Bus
Data
inputs.
ROMTMG, during write opera-
tions, defines the time from when
the Am79C973/Am79C975 con-
troller drives the lower 8 or 16 bits
of the Expansion Bus Data to
when the EBWE and EROMCS
deassert.
The register value specifies the
time in number of clock cycles +1
according to Table 31.
Note: Programming ROMTNG
with a value of 0 is not permitted.
The access time for the Expan-
sion
ROM
or
the
EBDATA
(BCR30) device (tACC) during
read operations can be calculat-
ed by subtracting the clock to out-
put delay for the EBUA_EBA[7:0]
outputs (tv_A_D) and by subtract-
ing the input to clock setup time
for the EBD[7:0] inputs (ts_D)
from the time defined by ROMT-
MG:
tACC = ROMTMG * CLK period
*CLK_FAC - (tv_A_D) - (ts_D)
Table 31. ROMTNG Programming Values
ROMTMG (bits 15-12)
No. of Expansion Bus Cycles
1h<=n <=Fh
n+1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com