Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C975VCW Datasheet(PDF) 177 Page - Advanced Micro Devices

Part # AM79C975VCW
Description  PCnet??FAST III Single-Chip 10/100 Mbps PCI Ethernet Controller with Integrated PHY
PDF  304 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C975VCW Datasheet(HTML) 177 Page - Advanced Micro Devices

Back Button AM79C975VCW Datasheet HTML 173Page - Advanced Micro Devices AM79C975VCW Datasheet HTML 174Page - Advanced Micro Devices AM79C975VCW Datasheet HTML 175Page - Advanced Micro Devices AM79C975VCW Datasheet HTML 176Page - Advanced Micro Devices AM79C975VCW Datasheet HTML 177Page - Advanced Micro Devices AM79C975VCW Datasheet HTML 178Page - Advanced Micro Devices AM79C975VCW Datasheet HTML 179Page - Advanced Micro Devices AM79C975VCW Datasheet HTML 180Page - Advanced Micro Devices AM79C975VCW Datasheet HTML 181Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 177 / 304 page
background image
Am79C973/Am79C975
177
P R E L I M INARY
EESK/LED1/SFBD pin at the end
of H_RESET. This value indi-
cates whether or not an EE-
PROM is present at the EEPROM
interface. If this bit is a 1, it indi-
cates
that
an
EEPROM
is
present. If this bit is a 0, it indi-
cates that an EEPROM is not
present.
Read accessible only. EEDET is
read only; write operations have
no effect. The value of this bit is
determined at the end of the
H_RESET operation. It is unaf-
fected by S_RESET or the STOP
bit.
Table 32 indicates the possible
combinations of EEDET and the
existence of an EEPROM and the
resulting operations that are pos-
sible on the EEPROM interface.
12-5
RES
Reserved locations. Written as
zeros; read as undefined.
4
EEN
EEPROM Port Enable. When this
bit is set to a 1, it causes the val-
ues of ECS, ESK, and EDI to be
driven onto the EECS, EESK,
and EEDI pins, respectively. If
EEN = 0 and no EEPROM read
function is currently active, then
EECS will be driven LOW. When
EEN = 0 and no EEPROM read
function is currently active, EESK
and EEDI pins will be driven by
the LED registers BCR5 and
BCR4, respectively. See Table
32.
Read accessible always, write
accessible only when either the
STOP or the SPND bit is set.
EEN is set to 0 by H_RESET and
is unaffected by the S_RESET or
STOP bit.
3
RES
Reserved location. Written as
zero and read as undefined.
2
ECS
EEPROM Chip Select. This bit is
used to control the value of the
EECS pin of the interface when
the EEN bit is set to 1 and the
PREAD bit is set to 0. If EEN = 1
and PREAD = 0 and ECS is set to
a 1, then the EECS pin will be
forced to a HIGH level at the ris-
ing edge of the next clock follow-
ing bit programming.
If EEN = 1 and PREAD = 0 and
ECS is set to a 0, then the EECS
pin will be forced to a LOW level
at the rising edge of the next
clock following bit programming.
ECS has no effect on the output
value of the EECS pin unless the
PREAD bit is set to 0 and the
EEN bit is set to 1.
Read accessible always, write
accessible only when either the
STOP or the SPND bit is set.
ECS is set to 0 by H_RESET and
is not affected by S_RESET or
STOP.
1
ESK
EEPROM Serial Clock. This bit
and the EDI/EDO bit are used to
control host access to the EE-
PROM. Values programmed to
this bit are placed onto the EESK
pin at the rising edge of the next
clock following bit programming,
except when the PREAD bit is set
to 1 or the EEN bit is set to 0. If
both the ESK bit and the EDI/
EDO bit values are changed dur-
ing one BCR19 write operation,
Table 32. Interface Pin Assignment
RST Pin
PREAD or Auto
Read in Progress
EEN
EECS
EESK
EEDI
Low
X
X
0
Tri-State
Tri-State
High
1
X
Active
Active
Active
High
0
1
From ECS
Bit of BCR19
From ESK Bit of
BCR19
From EEDI Bit of
BCR19
High
0
0
0
LED1
LED0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com