Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C975VCW Datasheet(PDF) 179 Page - Advanced Micro Devices

Part # AM79C975VCW
Description  PCnet??FAST III Single-Chip 10/100 Mbps PCI Ethernet Controller with Integrated PHY
PDF  304 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C975VCW Datasheet(HTML) 179 Page - Advanced Micro Devices

Back Button AM79C975VCW Datasheet HTML 175Page - Advanced Micro Devices AM79C975VCW Datasheet HTML 176Page - Advanced Micro Devices AM79C975VCW Datasheet HTML 177Page - Advanced Micro Devices AM79C975VCW Datasheet HTML 178Page - Advanced Micro Devices AM79C975VCW Datasheet HTML 179Page - Advanced Micro Devices AM79C975VCW Datasheet HTML 180Page - Advanced Micro Devices AM79C975VCW Datasheet HTML 181Page - Advanced Micro Devices AM79C975VCW Datasheet HTML 182Page - Advanced Micro Devices AM79C975VCW Datasheet HTML 183Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 179 / 304 page
background image
Am79C973/Am79C975
179
P R E L I M INARY
upper 8 bits of the 32-bit address
bus during master accesses initi-
ated
by
the
Am79C973/
Am79C975 controller. This action
is required, since the 16-bit soft-
ware structures specified by the
SSIZE32 = 0 setting will yield
only
24
bits of address
for
Am79C973/Am79C975 controller
bus master accesses.
If SSIZE32 is set, then the soft-
ware structures that are common
to
the
Am79C973/Am79C975
controller and the host system
will supply a full 32 bits for each
address pointer that is needed by
the Am79C973/Am79C975 con-
troller for performing master ac-
cesses.
The value of the SSIZE32 bit has
no effect on the drive of the upper
8 address bits. The upper 8 ad-
dress pins are always driven, re-
gardless of the state of the
SSIZE32 bit.
Note that the setting of the
SSIZE32 bit has no effect on the
defined width for I/O resources.
I/O resource width is determined
by the state of the DWIO bit
(BCR18, bit 7).
7-0
SWSTYLE
Software Style register. The val-
ue in this register determines the
style of register and memory re-
sources that shall be used by the
Am79C973/Am79C975
control-
ler. The Software Style selection
will affect the interpretation of a
few bits within the CSR space,
the order of the descriptor entries
and the width of the descriptors
and initialization block entries.
All Am79C973/Am79C975 con-
troller CSR bits and all descriptor,
buffer, and initialization block en-
tries not cited in the Table 33 are
unaffected by the Software Style
selection and are, therefore, al-
ways fully functional as specified
in the CSR and BCR sections.
Read/Write accessible only when
either the STOP or the SPND bit
is set. The SWSTYLE register will
contain the value 00h following
H_RESET and will be unaffected
by S_RESET or STOP.
BCR22: PCI Latency Register
Note: Bits 15-0 in this register are programmable
through the EEPROM.
Bit
Name
Description
31-16 RES
Reserved locations. Written as
zeros and read as undefined.
15-8
MAX_LAT
Maximum Latency. Specifies the
maximum arbitration latency the
Am79C973/Am79C975 controller
can sustain without causing prob-
lems to the network activity. The
register value specifies the time
in units of 1/4 microseconds.
MAX_LAT is aliased to the PCI
configuration
space
register
MAX_LAT (offset 3Fh). The host
will use the value in the register to
determine
the
setting
of
the
Am79C973/Am79C975 Latency
Timer register.
Table 33. Software Styles
SWSTYLE
[7:0]
Style
Name
SSIZE32
Initialization Block
Entries
Descriptor Ring Entries
00h
LANCE/
PCnet-ISA
controller
0
16-bit software
structures, non-burst or
burst access
16-bit software structures,
non-burst access only
01h
RES
1
RES
RES
02h
PCnet-PCI
controller
1
32-bit software
structures, non-burst or
burst access
32-bit software structures,
non-burst access only
03h
PCnet-PCI
controller
1
32-bit software
structures, non-burst or
burst access
32-bit software structures,
non-burst or burst access
All Other
Reserved
Undefined
Undefined
Undefined



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com