Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C985 Datasheet(PDF) 25 Page - Advanced Micro Devices

Part # AM79C985
Description  enhanced Integrated Multiport Repeater Plus (eIMR??
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C985 Datasheet(HTML) 25 Page - Advanced Micro Devices

Back Button AM79C985 Datasheet HTML 21Page - Advanced Micro Devices AM79C985 Datasheet HTML 22Page - Advanced Micro Devices AM79C985 Datasheet HTML 23Page - Advanced Micro Devices AM79C985 Datasheet HTML 24Page - Advanced Micro Devices AM79C985 Datasheet HTML 25Page - Advanced Micro Devices AM79C985 Datasheet HTML 26Page - Advanced Micro Devices AM79C985 Datasheet HTML 27Page - Advanced Micro Devices AM79C985 Datasheet HTML 28Page - Advanced Micro Devices AM79C985 Datasheet HTML 29Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 48 page
background image
Am79C985
25
PRELIMINARY
Table 6.
Management Port Command Summary
Commands
SI Data
SO Data
Single eIMR+
Device
SO Data
Primary
SO Data
Secondary
Set (Write Commands)
eIMR+ Chip Programmable Options
0000 1CSA
Alternate AUI Partitioning Algorithm
0001 1111
Alternate TP Partitioning Algorithm
0001 0000
Primary AUI Port Disable
0010 1111
Secondary AUI Port Disable
0010 1110
Primary AUI Port Enable
0011 1111
Secondary AUI Port Enable
0011 1110
TP Port Disable
0010 0###
TP Port Enable
0011 0###
Disable Link Test Function (per TP port)
0100 0###
Enable Link Test Function (per TP port)
0101 0###
Disable Link Pulse (per TP port)
0100 1###
Enable Link Pulse (per TP port)
0101 1###
Disable Automatic Receiver Polarity Reversal
(per TP port)
0110 0###
Enable Automatic Receiver Polarity Reversal
(per TP port)
0111 0###
Disable Receiver Extended Distance Mode
(Per TP port)
0110 1###
Enable Receiver Extended Distance Mode
(Per TP port)
0111 1###
Disable Software Override of LEDs
(Per Port - AUI & TP)
1001 ####
Enable Software Override of Bank-A LEDs
(Per Port - AUI & TP, Global)
1011 ####
Enable Software Override of Bank-B LEDs
(Per Port - AUI & TP, Global)
1100 ####
Software Override LED Blink Rate
1110 1###
Get (Read Commands)
AUI Port Status (B, S, and L Cleared)
1000 1111
PBSL 0000
0000 PBSL
PBSLP PBSLS
AUI Port Status (B Cleared)
1000 1101
PBSL 0000
0000 PBSL
PBSLP PBSLS
AUI Port Status (S, L, Cleared)
1000 1011
PBSL 0000
0000 PBSL
PBSLP PBSLS
AUI Port status (None Cleared)
1000 1001
PBSL 0000
0000 PBSL
PBSLP PBSLS
TP Port Partitioning Status
1000 0000
0000 C3..C0
0000 C7..C4
C7..C0
Bit Rate Error Status of TP Ports
1010 0000
0000 E3..E0
0000 E7..E4
E7..E0
Link Test Status of TP Ports
1101 0000
0000 L3..L0
0000 L7..L4
L7..L0
Receive Polarity Status of TP Ports
1110 0000
0000 P3..P0
0000 P7..P4
P7..P0
MJLP Status
1111 0000
M000 0000
0000 M000
MP000 MS000
Version
1111 1111
0000 0011
0000 0011
0011P 0011S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com