Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C985 Datasheet(PDF) 36 Page - Advanced Micro Devices

Part # AM79C985
Description  enhanced Integrated Multiport Repeater Plus (eIMR??
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C985 Datasheet(HTML) 36 Page - Advanced Micro Devices

Back Button AM79C985 Datasheet HTML 32Page - Advanced Micro Devices AM79C985 Datasheet HTML 33Page - Advanced Micro Devices AM79C985 Datasheet HTML 34Page - Advanced Micro Devices AM79C985 Datasheet HTML 35Page - Advanced Micro Devices AM79C985 Datasheet HTML 36Page - Advanced Micro Devices AM79C985 Datasheet HTML 37Page - Advanced Micro Devices AM79C985 Datasheet HTML 38Page - Advanced Micro Devices AM79C985 Datasheet HTML 39Page - Advanced Micro Devices AM79C985 Datasheet HTML 40Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 48 page
background image
36
Am79C985
PRELIMINARY
DC CHARACTERISTICS (continued)
Notes:
1. Parameter not tested.
2. LED current not included. Maximum current rating on LED drivers is 12 mA.
Parameter
Symbol
Parameter Description
Test Conditions
Min
Max
Unit
Twisted Pair Ports (Continued)
VTSQ+
RXD Positive Squelch Threshold
(peak)
Sinusoid
5 MHz<f<10 MHz
300
520
mV
VTSQ–
RXD Negative Squelch Threshold
(peak)
Sinusoid
5 MHz<f<10 MHz
–520
–300
mV
VTHS+
RXD Post-Squelch Positive
Threshold (peak)
Sinusoid
5 MHz<f<10 MHz
150
293
mV
VTHS–
RXD Post-Squelch Negative
Threshold (peak)
Sinusoid
5 MHz<f<10 MHz
–293
–150
mV
VLTSQ+
RXD Positive Squelch Threshold
(peak) - Extended Distance Mode
Sinusoid
5 MHz<f<10 MHz
180
365
mV
VLTSQ–
RXD Negative Squelch Threshold
(peak) - Extended Distance Mode
Sinusoid
5 MHz<f<10 MHz
–365
–180
mV
VLTHS+
RXD Post-Squelch Positive
Threshold - Extended Distance Mode
Sinusoid
5 MHz<f<10 MHz
90
175
mV
VLTHS–
RXD Post-Squelch Negative
Threshold - Extended Distance Mode
Sinusoid
5 MHz<f<10 MHz
–175
–90
mV
VRXDTH
RXD Switching Threshold
(Note 1)
–60
60
mV
Power Supply Current
IDD
Power Supply Current
(Idle) (Note 2)
CLK = 20 MHz
VDD = +5.25V
–
100
mA
Power Supply Current
(Transmitting)
CLK = 20 MHz
VDD = +5.25V
–
350
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com