Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C985 Datasheet(PDF) 31 Page - Advanced Micro Devices

Part # AM79C985
Description  enhanced Integrated Multiport Repeater Plus (eIMR??
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C985 Datasheet(HTML) 31 Page - Advanced Micro Devices

Back Button AM79C985 Datasheet HTML 27Page - Advanced Micro Devices AM79C985 Datasheet HTML 28Page - Advanced Micro Devices AM79C985 Datasheet HTML 29Page - Advanced Micro Devices AM79C985 Datasheet HTML 30Page - Advanced Micro Devices AM79C985 Datasheet HTML 31Page - Advanced Micro Devices AM79C985 Datasheet HTML 32Page - Advanced Micro Devices AM79C985 Datasheet HTML 33Page - Advanced Micro Devices AM79C985 Datasheet HTML 34Page - Advanced Micro Devices AM79C985 Datasheet HTML 35Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 48 page
background image
Am79C985
31
PRELIMINARY
SYSTEMS APPLICATIONS
eIMR+ to TP Port Connection
The eIMR+ device provides a system solution
to designing non-managed multiport repeaters. The
eIMR+ device connects directly to AC coupling mod-
ules for a 10BASE-T hub. Figure 9 shows the simpli-
fied connection.
Twisted Pair Transmitters
TXD signals need to be properly terminated to meet the
electrical requirement for 10BASE-T transmitters.
Proper termination is shown in Figure 10 which consists
of a 110-
Ω resistor and a 1:1 transformer. The load is a
twisted-pair cable that meets IEEE 802.3, Section 14.4
specifications. The cable is terminated at the opposite
end by 100
Ω.
Twisted Pair Receivers
RXD signals need to be properly terminated to meet
the electrical requirements for 10BASE-T receivers.
Proper termination is shown in Figure 11. Note that the
receivers do not require external filter modules.
Figure 9.
Simplified 10BASE-T Connection
Figure 10.
TXD Termination
110
Ω
100
Ω
110
Ω
100
Ω
110
Ω
100
Ω
110
Ω
100
Ω
TP Connector
TP Connector
TP Connector
TP Connector
eIMR+
TXD0+
TXD0–
RXD0+
RXD0–
TXD1+
TXD1–
RXD1+
RXD1–
TXD2+
TXD2–
RXD2+
RXD2–
TXD3+
TXD3–
RXD3+
RXD3–
RST
CLK
1:1
1:1
1:1
1:1
1:1
1:1
1:1
1:1
20651B-14
20651B-15
1:1
Twisted Pair
100
Ω
110
Ω
TXD+
TXD-
20650A-13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com