Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C985 Datasheet(PDF) 32 Page - Advanced Micro Devices

Part # AM79C985
Description  enhanced Integrated Multiport Repeater Plus (eIMR??
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C985 Datasheet(HTML) 32 Page - Advanced Micro Devices

Back Button AM79C985 Datasheet HTML 28Page - Advanced Micro Devices AM79C985 Datasheet HTML 29Page - Advanced Micro Devices AM79C985 Datasheet HTML 30Page - Advanced Micro Devices AM79C985 Datasheet HTML 31Page - Advanced Micro Devices AM79C985 Datasheet HTML 32Page - Advanced Micro Devices AM79C985 Datasheet HTML 33Page - Advanced Micro Devices AM79C985 Datasheet HTML 34Page - Advanced Micro Devices AM79C985 Datasheet HTML 35Page - Advanced Micro Devices AM79C985 Datasheet HTML 36Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 48 page
background image
32
Am79C985
PRELIMINARY
Figure 11.
RXD Termination
MAC Interface
The eIMR+ device can be connected directly to a MAC
through the AUI port. This requires that the AUI port be
configured in the reverse mode and connected as
shown in Figure 12a. Notice that DI is connected to DO
of the MAC and DO is connected to DI of the MAC, be-
cause the reverse configuration only affects CI. Where
CI is an input in the normal mode, in the reverse mode,
CI is an output. Figure 12b shows the normal AUI con-
figuration for reference.
Figure 12.
AUI Port Interconnections
Internal Arbitration Mode Connection
The internal arbitration mode uses a modified daisy-
chain scheme to eliminate the need for any external
arbiter. In this mode, ACK and COL need to be pulled
up through a minimum resistance of 1 k
Ω. The DAT and
JAM pins also need to be pulled down via a high value
resistor. Refer to Figure 13.
IMR+ Mode External Arbitration
The IMR+ mode maintains the full functionality of AMD’s
IMR+ (Am79C981) device’s expansion bus. In this
mode, the eIMR+ device requires external circuitry to
handle arbitration for control of the bus. Figure 14 shows
the configuration for the IMR+ mode of operation.
20650A-14
1:1
Twisted Pair
100
Ω
100
Ω
RXD+
RXD–
20650A-14
20651B-16
DO+
DO–
DI+
DI–
CI+
CI–
DI+
DI–
DO+
DO–
CI+
CI–
DI+
DI–
DO+
DO–
CI+
CI–
DI+
DI–
DO+
DO–
CI+
CI–
a) Reverse Mode (with MAC)
b) Normal Mode (with MAU)
Am79C940
eIMR+
Am7996
eIMR+
0.1
µF
0.1
µF
0.1
µF
0.1
µF
39 – 150
Ω
0.1
µF
40
Ω
40
Ω
40
Ω
40
Ω
40
Ω
40
Ω
40
Ω
40
Ω
40
Ω
40
Ω
40
Ω
40
Ω
–9 V
1:1
1:1
1:1
20651A-17
20651B-17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com