Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C985 Datasheet(PDF) 38 Page - Advanced Micro Devices

Part # AM79C985
Description  enhanced Integrated Multiport Repeater Plus (eIMR??
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C985 Datasheet(HTML) 38 Page - Advanced Micro Devices

Back Button AM79C985 Datasheet HTML 34Page - Advanced Micro Devices AM79C985 Datasheet HTML 35Page - Advanced Micro Devices AM79C985 Datasheet HTML 36Page - Advanced Micro Devices AM79C985 Datasheet HTML 37Page - Advanced Micro Devices AM79C985 Datasheet HTML 38Page - Advanced Micro Devices AM79C985 Datasheet HTML 39Page - Advanced Micro Devices AM79C985 Datasheet HTML 40Page - Advanced Micro Devices AM79C985 Datasheet HTML 41Page - Advanced Micro Devices AM79C985 Datasheet HTML 42Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 48 page
background image
38
Am79C985
PRELIMINARY
SWITCHING CHARACTERISTICS (continued)
Notes:
1. Parameter not tested.
2. DI pulses narrower than tPWODI (min) will be rejected; pulses wider than tPWODI (max) will turn internal DI carrier sense on.
3. DI pulses narrower than tPWKDI (min) will maintain internal DI carrier on; pulses wider than tPWKDI (max) will turn internal DI
carrier sense off.
4. CI pulses narrower than tPWOCI (min) will be rejected; pulses wider than tPWOCI (max) will turn internal CI carrier sense on.
5. CI pulses narrower than tPWKCI (min) will maintain internal CI carrier on; pulses wider than tPWKCI (max) will turn internal CI
carrier sense off.
6. RXD pulses narrower than tPWKRD (min) will maintain internal RXD carrier sense on; a pulse wider than tPWKRD (max) will
turn RXD carrier sense off.
Parameter
Symbol
Parameter Description
Test Conditions
Min
Max
Unit
Twisted Pair Port Timing
tTXTD
CLK Rising Edge to TXD
± Transition Delay
–
50
ns
tTETD
Transmit End of Transmission
250
375
ns
tPWKRD
RXD Pulse Width Maintain/Turn-off
Threshold
|VIN|>|VTHS| (Note 6)
136
200
ns
tPERLP
Idle Signal Period
8
24
ms
tPWLP
Idle Link Test Pulse Width
75
120
ns
Management Port Timing
tSCLK
SCLK Clock Period
100
–
ns
tSCLKH
SCLK Clock HIGH
30
–
ns
tSCLKL
SCLK Clock LOW
30
–
ns
tSCLKR
SCLK Clock Rise Time
–
10
ns
tSCLKF
SCLK Clock Fall Time
–
10
ns
tSISET
SI Input Setup Time to SCLK Rising Edge
10
–
ns
tSIHLD
SI Input Hold Time from SCLK Rising Edge
10
–
ns
tSODLY
SO Output Delay from SCLK Rising Edge
CL = 100 pF
–
40
ns
tCLKHCRS
CLK Rising Edge to CRS valid
CL = 100 pF
5
40
ns
tSTRSET
STR Setup Time
5
–
ns
tSTRHLD
STR Hold Time
9
–
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com