Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM79C985 Datasheet(PDF) 14 Page - Advanced Micro Devices

Part # AM79C985
Description  enhanced Integrated Multiport Repeater Plus (eIMR??
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C985 Datasheet(HTML) 14 Page - Advanced Micro Devices

Back Button AM79C985 Datasheet HTML 10Page - Advanced Micro Devices AM79C985 Datasheet HTML 11Page - Advanced Micro Devices AM79C985 Datasheet HTML 12Page - Advanced Micro Devices AM79C985 Datasheet HTML 13Page - Advanced Micro Devices AM79C985 Datasheet HTML 14Page - Advanced Micro Devices AM79C985 Datasheet HTML 15Page - Advanced Micro Devices AM79C985 Datasheet HTML 16Page - Advanced Micro Devices AM79C985 Datasheet HTML 17Page - Advanced Micro Devices AM79C985 Datasheet HTML 18Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 48 page
background image
14
Am79C985
PRELIMINARY
LED Interface
LDA0-4, LDB0-4
LED Drivers
Output, Open Drain
LDA0-4 and LDB0-4 drive LED Bank A and LED Bank B,
respectively. LDA0 and LDB0 indicate the status of the
AUI port; LDA1-4 and LDB1-4 indicate the status of the
four TP ports. The port attributes monitored by LDA0-4
and LDB0-4 are programmed by three pins, LDC0-2.
LDGA
Global LED Driver, Bank A
Output, Open Drain
LDGA is the Global LED driver for LED Bank A. The
signal represents global CRS or COL conditions. In a
multiple-eIMR+ configuration, LDGA from each of the
eIMR+ devices can be tied together to drive a single
global LED in Bank A.
LDGB
Global LED Driver, Bank B
Output, Open Drain
LDGB is the Global LED driver for LED Bank B. The
signal represents global CRS or JAB conditions. In a
multiple eIMR+ configuration, LDGB from each of the
eIMR+ devices can be tied together to drive a single
global LED in Bank B.
LDC0-2
LED Control
Input
These pins select the attributes that will be displayed
on LDA0-4, LDB0-4, LDGA, and LDGB. If an LED is pro-
grammed to display two attributes, the attribute associ-
ated with the periodic blink takes precedence.
ACT0-7
Activity Display
Output, Open Drain
These signals drive the activity LEDs, which indicate
the percentage of network utilization. The display is up-
dated every 250 ms.
Miscellaneous Pins
RST
Reset
Input, Active LOW
When RST is LOW, the eIMR+ device resets to its de-
fault state. On the rising (trailing) edge of RST, the
eIMR+ also monitors the state of the SELI0-1, SI, and
AMODE pins, to configure the operating mode of the
device. In multiple eIMR+ systems, the falling (leading)
edge of the RST signal must be synchronized to CLK.
CLK
Master Clock In
Input
This pin is a 20-MHz clock input.
REXT
External Reference
Input
This pin is used for an internal current reference. It must
be tied to VDD via a 13-k
Ω resistor with 1% tolerance.
VDD
Power
Power Pin
This pin supplies power to the device.
AVSS
Analog Ground
Ground Pin
This pin is the ground reference for the differential
receivers and drivers.
DVSS
Digital Ground
Ground Pin
This pin is the ground reference for all the digital logic
in the eIMR+ device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com