Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THS3001IDR Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # THS3001IDR
Description  420-MHz HIGH-SPEED CURRENT-FEEDBACK AMPLIFIER
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS3001IDR Datasheet(HTML) 14 Page - Texas Instruments

Back Button THS3001IDR Datasheet HTML 10Page - Texas Instruments THS3001IDR Datasheet HTML 11Page - Texas Instruments THS3001IDR Datasheet HTML 12Page - Texas Instruments THS3001IDR Datasheet HTML 13Page - Texas Instruments THS3001IDR Datasheet HTML 14Page - Texas Instruments THS3001IDR Datasheet HTML 15Page - Texas Instruments THS3001IDR Datasheet HTML 16Page - Texas Instruments THS3001IDR Datasheet HTML 17Page - Texas Instruments THS3001IDR Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 39 page
background image
f − Frequency − Hz
−2
−6
−10
−14
1M
100M
0
−4
−8
−12
10M
1G
100k
2
4
Gain = +5
VCC = ±5 V
RL = 150 Ω
VO = 200 mV RMS
RF = 390 Ω
RF = 620 Ω
RF = 1 kΩ
f − Frequency − Hz
−12
−18
−24
−30
1M
100M
−9
−15
−21
−27
10M
1G
100k
−6
−3
Gain = 1
VCC = ±15 V
RF = 1 kΩ
RL = 150 Ω
VI = 500 mV
VI = 250 mV
VI = 125 mV
VI = 62.5 mV
f − Frequency − Hz
−6
−12
−18
−24
1M
100M
−3
−9
−15
−21
10M
1G
100k
0
3
Gain = 2
VCC = ±15 V
RF = 680 Ω
RL = 150 Ω
VI = 500 mV
VI = 250 mV
VI = 125 mV
VI = 62.5 mV
t − Time − ns
Gain = 1
VCC = ±5 V
RL = 150 Ω
RF = 1 kΩ
tr/tf = 300 ps
−200
0
100
−100
100
−100
0
30
20
10
40
50
70
60
80
90
100
300
−200
−300
200
THS3001
SLOS217H – JULY 1998 – REVISED SEPTEMBER 2009................................................................................................................................................. www.ti.com
TYPICAL CHARACTERISTICS (continued)
NORMALIZED OUTPUT RESPONSE
vs
SMALL AND LARGE SIGNAL
FREQUENCY
FREQUENCY RESPONSE
Figure 34.
Figure 35.
SMALL AND LARGE SIGNAL
FREQUENCY RESPONSE
SMALL SIGNAL PULSE RESPONSE
Figure 36.
Figure 37.
14
Submit Documentation Feedback
Copyright © 1998–2009, Texas Instruments Incorporated
Product Folder Link(s): THS3001



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com