Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THS3001IDR Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # THS3001IDR
Description  420-MHz HIGH-SPEED CURRENT-FEEDBACK AMPLIFIER
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS3001IDR Datasheet(HTML) 17 Page - Texas Instruments

Back Button THS3001IDR Datasheet HTML 13Page - Texas Instruments THS3001IDR Datasheet HTML 14Page - Texas Instruments THS3001IDR Datasheet HTML 15Page - Texas Instruments THS3001IDR Datasheet HTML 16Page - Texas Instruments THS3001IDR Datasheet HTML 17Page - Texas Instruments THS3001IDR Datasheet HTML 18Page - Texas Instruments THS3001IDR Datasheet HTML 19Page - Texas Instruments THS3001IDR Datasheet HTML 20Page - Texas Instruments THS3001IDR Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 39 page
background image
t − Time − ns
Gain = −5
VCC = ±15 V
RL = 150 Ω
RF = 1 kΩ
tr/tf= 300 ps
−2
0
5
−5
1
−1
0
30
20
10
40
50
70
60
80
90
100
3
−10
−15
10
THS3001
www.ti.com................................................................................................................................................. SLOS217H – JULY 1998 – REVISED SEPTEMBER 2009
TYPICAL CHARACTERISTICS (continued)
LARGE SIGNAL PULSE RESPONSE
Figure 46.
Copyright © 1998–2009, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Link(s): THS3001



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com